전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2241G-GTR 데이터시트(PDF) 4 Page - Rohm

부품명 BD2241G-GTR
상세설명  1.0A Current Limit High Side Switch ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2241G-GTR 데이터시트(HTML) 4 Page - Rohm

  BD2241G-GTR Datasheet HTML 1Page - Rohm BD2241G-GTR Datasheet HTML 2Page - Rohm BD2241G-GTR Datasheet HTML 3Page - Rohm BD2241G-GTR Datasheet HTML 4Page - Rohm BD2241G-GTR Datasheet HTML 5Page - Rohm BD2241G-GTR Datasheet HTML 6Page - Rohm BD2241G-GTR Datasheet HTML 7Page - Rohm BD2241G-GTR Datasheet HTML 8Page - Rohm BD2241G-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
BD2240G
BD2241G
Electrical Characteristics - continued
BD2241G
(VIN= 5V, Ta= 25°C, unless otherwise specified.)
DC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
110
160
μA
V/EN = 0V, VOUT = open
Standby Current
ISTB
-
0.01
5
μA
V/EN = 5V, VOUT = open
/EN Input Voltage
V/ENH
2.0
-
-
V
High Input
V/ENL
-
-
0.8
V
Low Input
/EN Input Leakage
I/EN
-1
+0.01
+1
μA
V/EN = 0V or 5V
ON-Resistance
RON
-
110
155
IOUT = 500mA
Reverse Leak Current
IREV
-
-
1.0
μA
VOUT = 5.0V, VIN = 0V
Over-Current Threshold
ITH
820
970
1120
mA
Short Circuit Output Current
ISC
500
650
850
mA
VOUT = 0V, RMS
Output Discharge Resistance
RDISC
30
60
120
Ω
IDISC = 1mA
/OC Output Low Voltage
V/OC
-
-
0.4
V
I/OC = 0.5mA
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
VIN Increasing
VTUVL
2.0
2.2
2.4
V
VIN Decreasing
AC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Output Rise Time
tON1
-
1
6
ms
RL = 20Ω
Output Turn ON Time
tON2
-
1.5
10
ms
RL = 20Ω
Output Fall Time
tOFF1
-
1
20
μs
RL = 20Ω
Output Turn OFF Time
tOFF2
-
3
40
μs
RL = 20Ω
/OC Delay Time
t/OC
10
15
20
ms
4/23
TSZ02201-0E3E0H300300-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21.Aug.2014 Rev.003
www.rohm.com
TSZ22111・15・001


유사한 부품 번호 - BD2241G-GTR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2241G ROHM-BD2241G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

유사한 설명 - BD2241G-GTR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2226G ROHM-BD2226G_14 Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
BD2051AFJ-E2 ROHM-BD2051AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD82028FVJ ROHM-BD82028FVJ Datasheet
683Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD82029FVJ ROHM-BD82029FVJ Datasheet
667Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com