전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-105307-100 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 SD-105307-100
상세설명  RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105307-100 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  SD-105307-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105307-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105307-100 Datasheet HTML 3Page - Molex Electronics Ltd. SD-105307-100 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DRAWING SIZE
THIRD ANGLE PROJECTION
A3
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ± 3.0 °
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
MM
3:1
DRWN BY
DATE
GLLI
2014/08/13
CHK'D BY
DATE
APPR BY
DATE
AYIN
2015/04/08
RECEPTACLE OF NANO-FIT, S/R, TPA
POWER CONNECTOR
PRODUCT CUSTOMER DRAWING
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
105307
SEE SHEET 4
SHEET NUMBER
3 OF 4
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.2
1 PLACE
±
0.3
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
DOCUMENT NUMBER
DOC TYPE
DOC PART
SD-105307-100
PSD
000
B
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
C
=
0
FORMAT: master-tb-prod-A3
REVISION: F
DATE: 2015/11/16
RELEASE STATUS
P1
RELEASE DATE
27.04.2016
07:06:48
TERMINAL AND TPA ORIENTATION
2.24
REF
20.70


유사한 부품 번호 - SD-105307-100

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-105300-100 MOLEX11-SD-105300-100 Datasheet
361Kb / 3P
   CRIMP TERMINAL FOR NANO-FIT RECEPTACLE POWER CONNECTOR
More results

유사한 설명 - SD-105307-100

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1053072202_SD ETC-1053072202_SD Datasheet
361Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
2019/04/17
1053141106_SD ETC-1053141106_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
1053141110_SD ETC-1053141110_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
1053141108_SD ETC-1053141108_SD Datasheet
597Kb / 5P
   HEADER OF NANO-FIT, D/R, R/A POWER CONNECTOR
2020/09/10
logo
Molex Electronics Ltd.
SD-105310-100 MOLEX11-SD-105310-100 Datasheet
486Kb / 3P
   HEADER OF NANO-FIT, D/R, KINK, VERTICAL POWER CONNECTOR
SD-105300-100 MOLEX11-SD-105300-100 Datasheet
361Kb / 3P
   CRIMP TERMINAL FOR NANO-FIT RECEPTACLE POWER CONNECTOR
171692-0206 MOLEX-171692-0206 Datasheet
283Kb / 2P
   MEGA-FIT RECEPTACLE DR TPA
2022/04/28
logo
FCI connector
51915-126LF FCI-CONNECTOR-51915-126LF Datasheet
237Kb / 4P
   24S 8P R/A PRESS-FIT RECEPTACLE
logo
Molex Electronics Ltd.
451300810 MOLEX-451300810 Datasheet
152Kb / 1P
   Nano-Fit 8 Circuit 1M
2016/12/05
15-97-5021 MOLEX11-15-97-5021 Datasheet
52Kb / 2P
   Mini-Fit TPA Receptacle Housing, 4.20mm Pitch, Dual Row, 2 Circuits
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com