전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5354 데이터시트(PDF) 11 Page - Asahi Kasei Microsystems

부품명 AD5354
상세설명  Low Power 20bit ADC with PGA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AD5354 데이터시트(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AD5354 Datasheet HTML 7Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 8Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 9Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 10Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 11Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 12Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 13Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 14Page - Asahi Kasei Microsystems AD5354 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ASAHI KASEI
[AK5354]
MS0054-E-02
2004/12
- 11 -
Timing of Control Register
The internal registers are written by the 3-wire
µP interface pins: CSN, CCLK, CDTI. These data are included by Op-code
(3bit), Address (LSB-first, 5bit) and Control data (LSB-first, 8bit). A side of transmitted data is output to each bit by “
↓”
of CCLK, a side of receiving data is input by “
↑” of CCLK. Writing of data becomes effective by “↑” of CSN. CSN
should be held to “H” at no access.
Address except 00H
∼ 03H inhibits control of writing. And CCLK always need 16 edges of “↑” during CSN = “L”.
CSN
CCLK
01
2
34
5
67
8
9
10
11 12 13 14 15
CDTI
op0 op1
A2
A1
A3 A4
A0
D0 D1 D2D3D4 D5D6 D7
op2
op0-op2: Op code (Fixed to “**1:WRITE”)
A0-A4:
Register Address
D0-D7:
Control data
“1”
“*”
“*”
Figure 9. Control Data Timing
Register Map
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Input Select
0
0
0
HPF
RIN2
RIN1
LIN2
LIN1
01H
Mode Control 1
0
0
0
0
0
0
PM1
PM0
02H
Mode Control 2
MONO1
MONO0
ZTM1
ZTM0
0
0
DIF
0
03H
Input Analog PGA Control
ZEIP
IPGA6
IPGA5
IPGA4
IPGA3
IPGA2
IPGA1
IPGA0
All registers are reset at PDN = “L”, then inhibits writing to all registers.


유사한 부품 번호 - AD5354

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD535 AD-AD535 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500JRP AD-AD53500JRP Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53508 AD-AD53508 Datasheet
125Kb / 8P
   PPMU Circuit
REV. 0
More results

유사한 설명 - AD5354

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com