전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVEL56 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC100LVEL56
상세설명  3.3V ECL Dual Differential 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL56 데이터시트(HTML) 2 Page - ON Semiconductor

  MC100LVEL56 Datasheet HTML 1Page - ON Semiconductor MC100LVEL56 Datasheet HTML 2Page - ON Semiconductor MC100LVEL56 Datasheet HTML 3Page - ON Semiconductor MC100LVEL56 Datasheet HTML 4Page - ON Semiconductor MC100LVEL56 Datasheet HTML 5Page - ON Semiconductor MC100LVEL56 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC100LVEL56
www.onsemi.com
2
D0b
D0b
D1a
VBBO
17
18
16
15
14
13
12
4
3
5
678
9
Q0
11
10
SEL0
SEL1 VCC
Q1
Q1
VEE
D0a
19
20
2
1
VCC
Q0
D1a
D0a
VBB1
D1b
D1b
10
1
0
Table 1. PIN DESCRIPTION
PIN
D0a* − D1a*
D0a* − D1a*
ECL Input Data a Invert
FUNCTION
ECL Input Data a
D0b* − D1b*
D0b* − D1b*
ECL Input Data b Invert
ECL Input Data b
SEL0* − SEL1*
COM_SEL*
ECL Common Select Input
ECL Indiv. Select Input
VBB0, VBB1
Q0 − Q1
ECL True Outputs
Output Reference Voltage
Q0 − Q1
ECL Inverted Outputs
VCC
Positive Supply
VEE
Negative Supply
SEL0
X
L
L
H
H
Table 2. TRUTH TABLE
Q0,
Q0
a
b
b
a
a
SEL1
X
L
H
H
L
COM_SEL
H
L
L
L
L
Q1,
Q1
a
b
a
a
b
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Figure 1. 20-Lead Package (Top View) and Logic Diagram
* Pins will default LOW when left open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 KW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Device Model
> 2 kV
> 200 V
> 4 kV
Moisture Sensitivity, (Note 1)
Pb-Free
Level 3
Flammability Rating
Oxygen Index
UL 94 V−0 @ 0.125 in
28 to 34
Transistor Count
147
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


유사한 부품 번호 - MC100LVEL56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC100LVEL56DW ONSEMI-MC100LVEL56DW Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC100LVEL56DWG ONSEMI-MC100LVEL56DWG Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC100LVEL56DWR2 ONSEMI-MC100LVEL56DWR2 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com