전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVEL58 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100LVEL58
상세설명  3.3V ECL 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL58 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100LVEL58 Datasheet HTML 1Page - ON Semiconductor MC100LVEL58 Datasheet HTML 2Page - ON Semiconductor MC100LVEL58 Datasheet HTML 3Page - ON Semiconductor MC100LVEL58 Datasheet HTML 4Page - ON Semiconductor MC100LVEL58 Datasheet HTML 5Page - ON Semiconductor MC100LVEL58 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC100LVEL58/D
MC100LVEL58
3.3 V ECL 2:1 Multiplexer
Description
The MC100LVEL58 is a 2:1 multiplexer. The device is pin and
functionally equivalent to the EL58 and works from a 3.3 V supply.
With AC performance similar to the EL58 device, the LVEL58 is ideal
for low voltage applications which require the ultimate in AC
performance.
Features
440 ps Typical Propagation Delays
ESD Protection: > 4 kV Human Body Model,
> 200 V Machine Model
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors
Q Output will Default LOW with Inputs Open or at VEE
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 93 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKINGDIAGRAMS*
KV58
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
www.onsemi.com
KVL58
ALYW
G
1
8
(Note: Microdot may be in either location)
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
G = Pb-Free Package
SOIC−8 NB
TSSOP−8
ORDERING INFORMATION
Device
Package
Shipping
MC100LVEL58DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC100LVEL58DTG
TSSOP−8
(Pb-Free)
100 Units/Tube
TSSOP−8
(Pb-Free)
MC100LVEL58DTR2G
2500/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


유사한 부품 번호 - MC100LVEL58

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
MC100LVEL58D ONSEMI-MC100LVEL58D Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC100LVEL58D ONSEMI-MC100LVEL58D Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
MC100LVEL58D ONSEMI-MC100LVEL58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com