전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9620S 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 IRF9620S
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9620S 데이터시트(HTML) 6 Page - Vishay Siliconix

  IRF9620S Datasheet HTML 1Page - Vishay Siliconix IRF9620S Datasheet HTML 2Page - Vishay Siliconix IRF9620S Datasheet HTML 3Page - Vishay Siliconix IRF9620S Datasheet HTML 4Page - Vishay Siliconix IRF9620S Datasheet HTML 5Page - Vishay Siliconix IRF9620S Datasheet HTML 6Page - Vishay Siliconix IRF9620S Datasheet HTML 7Page - Vishay Siliconix IRF9620S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
Document Number: 91083
6
S11-1051-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF9620S, SiHF9620S
Vishay Siliconix
Fig. 18a - Basic Gate Charge Waveform
Fig. 18b - Gate Charge Test Circuit
Fig. 19 - For P-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?91083.
Q
GS
Q
GD
Q
G
VG
Charge
- 10 V
D.U.T.
- 3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Body diode forward drop
Body diode forward
current
Driver gate drive
Inductor current
D =
P.W.
Period
+
-
-
+
Peak Diode Recovery dV/dt Test Circuit
• dV/dt controlled by R
g
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
• Compliment N-Channel of D.U.T. for driver
V
DD
• I
SD controlled by duty factor “D”
Note
Note
a. V
GS = - 5 V for logic level and - 3 V drive devices
V
GS = - 10 V
a
D.U.T. l
SD waveform
D.U.T. V
DS waveform
V
DD
Re-applied
voltage
Ripple
≤ 5 %
I
SD
Reverse
recovery
current


유사한 부품 번호 - IRF9620S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9620S IRF-IRF9620S Datasheet
165Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
logo
Vishay Siliconix
IRF9620S VISHAY-IRF9620S Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF9620SPBF IRF-IRF9620SPBF Datasheet
1Mb / 9P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF9620SPBF VISHAY-IRF9620SPBF Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
IRF9620STRLPBFA VISHAY-IRF9620STRLPBFA Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRF9620S

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com