전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD1LB500FVM-C 데이터시트(PDF) 11 Page - Rohm

부품명 BD1LB500FVM-C
상세설명  In-Vehicle 1ch Low Side Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500FVM-C 데이터시트(HTML) 11 Page - Rohm

Back Button BD1LB500FVM-C Datasheet HTML 7Page - Rohm BD1LB500FVM-C Datasheet HTML 8Page - Rohm BD1LB500FVM-C Datasheet HTML 9Page - Rohm BD1LB500FVM-C Datasheet HTML 10Page - Rohm BD1LB500FVM-C Datasheet HTML 11Page - Rohm BD1LB500FVM-C Datasheet HTML 12Page - Rohm BD1LB500FVM-C Datasheet HTML 13Page - Rohm BD1LB500FVM-C Datasheet HTML 14Page - Rohm BD1LB500FVM-C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Datasheet
Datasheet
11/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.11.10 Rev.007
www.rohm.co.jp
TSZ22111・15・001
Protective Function Timing Charts
Figure 18. Overheat Protection Timing Chart
Figure 19. Overcurrent Protection Timing Chart
Figure 20. Open Detection Protection Timing Chart
IN
VOUT
Io
ST
40µs(typ)
tOFF
1ms(typ)
100µs(typ)
Input Voltage
Output current
Error flag
Output Voltage
Input voltage
Chip temperature
Output current
Error flag
Input
voltage
Output
voltage
Error flag
VIN
VOUT
VST
t
t
t
300μs(Typ)
VOUT ≤ 2.0V(Typ)
(VOPEN)
(TOPEN)


유사한 부품 번호 - BD1LB500FVM-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
762Kb / 19P
   In-Vehicle 1ch Low Side Switch
More results

유사한 설명 - BD1LB500FVM-C

제조업체부품명데이터시트상세설명
logo
Rohm
BD1LB500 ROHM-BD1LB500 Datasheet
762Kb / 19P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com