전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD18378EFV-M 데이터시트(PDF) 3 Page - Rohm

부품명 BD18378EFV-M
상세설명  Advanced 12 Channel Constant Current LED Driver IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD18378EFV-M 데이터시트(HTML) 3 Page - Rohm

  BD18378EFV-M Datasheet HTML 1Page - Rohm BD18378EFV-M Datasheet HTML 2Page - Rohm BD18378EFV-M Datasheet HTML 3Page - Rohm BD18378EFV-M Datasheet HTML 4Page - Rohm BD18378EFV-M Datasheet HTML 5Page - Rohm BD18378EFV-M Datasheet HTML 6Page - Rohm BD18378EFV-M Datasheet HTML 7Page - Rohm BD18378EFV-M Datasheet HTML 8Page - Rohm BD18378EFV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/26
BD18378EFV-M
TSZ02201-0W1W0C500020-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.co
m
TSZ22111・15・001
04. Dec. 2015 Rev.004
Absolute Maximum Ratings
Item
Symbol
Absolute Maximum value
Unit
Power Supply Voltage(Pin No: 27)
VCC
7
V
Output Voltage (Pin No: 5 to 9, 19 to 24)
VDmax
10
V
Input Voltage (Pin No: 4,11 to 17, 25)
VIN
-0.3 to VCC
V
Open Drain Fault Indicator(Pin No: 3)
VERR
7
V
Operating Temperature Range
TOPR
-40 to +105
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Junction Temperature
TJmax
150
°C
LED Voltage(Pin No: 18)
VSENSE
10
V
Electrostatic-Discharge Capability Human
Body Model
ESD HBM
2000
V
Electrostatic-Discharge Capability
Machine Model
ESD MM
200
V
PWM duty cycle
PWM
100
%
Recommended Operating Ratings
*1 Check Power de-rating curves of the package before applying maximum values.
*2 99.2% max and 0.2% min duty cycle at a 200Hz PWM frequency is recommended in order to have complete diagnostic capability;
please note that the PWM signal is active LOW.
*3 Please make sure the VSENSE voltage is always connected to the LEDs supply voltage - at a higher potential than VD. (see also the I/O
equivalent circuits)
Thermal Information
*4
Item
Symbol
Value
Unit
Junction to Ambient Thermal Resistance
(1 layer Board)
ƟJA
107
°C/W
Junction to TOP Thermal characterization
Parameter (1 layer Board)
ΨJT
6
°C/W
Junction to Ambient Thermal Resistance
(4 layer Board)
ƟJA
26
°C/W
Junction to TOP Thermal characterization
Parameter (4 layer Board)
ΨJT
3
°C/W
Junction to Case Thermal Resistance
ƟJC-TOP
13
°C/W
Junction to Case Thermal Resistance
ƟJC-BOT
4
°C/W
*4 Measured as per JEDEC Standard
Board as per JESD51-3/-5/-7
Environment as per JESD51-2A
The above mentioned data is measurement data to be used only as reference not guaranteed values.
Item
Symbol
Standard Value
Unit
Min
Typ
Max
Power Supply Voltage
VCC
3.0
-
5.5
V
Drive Current at full brightness*1
ID
10
30
50
mA
Output Voltage*1
VD
-
-
8
V
LED Voltage*1*3
VSENSE
-
-
8
V
Open Drain Fault Indicator
VERR
-
-
5.5
V
PWM duty cycle*2
PWM
0.2
-
99.2
%


유사한 부품 번호 - BD18378EFV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
BD18377EFV-ME2 ROHM-BD18377EFV-ME2 Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
More results

유사한 설명 - BD18378EFV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
Rohm
BD2808MUV-M ROHM-BD2808MUV-M Datasheet
959Kb / 34P
   24ch Constant Current LED Driver IC
logo
ON Semiconductor
LC75760UJA ONSEMI-LC75760UJA Datasheet
530Kb / 65P
   LED Driver, 12?릀hannel, Constant Current
July, 2018 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM6253 FUMAN-FM6253 Datasheet
739Kb / 17P
   16-channel EPWM constant current output LED driver IC
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com