전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP470 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 IRFP470
상세설명  N-Channel Enhancement Mode MegaMOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRFP470 데이터시트(HTML) 1 Page - IXYS Corporation

  IRFP470 Datasheet HTML 1Page - IXYS Corporation IRFP470 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C24
A
I
DM
T
C = 25°C, pulse width limited by TJM
96
A
I
AR
24
A
E
AR
T
C = 25°C30
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
N-Channel Enhancement Mode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
500
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 • ID25
0.23
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
IRFP 470
V
DSS
= 500 V
I
D (cont) = 24 A
R
DS(on) = 0.23 Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Features
l
International standard packages
l
Low R
DS (on) HDMOS
TM process
l
Rugged polysilicon gate cell structure
l
High commutating dv/dt rating
l
Fast switching times
Applications
l
Switch-mode and resonant-mode
power supplies
l
Motor controls
l
Uninterruptible Power Supplies (UPS)
l
DC choppers
Advantages
l
Easy to mount with 1 screw
(isolated mounting screw hole)
l
Space savings
l
High power density
92605E(5/97)
D (TAB)
MegaMOSTMFET
IXYS reserves the right to change limits, test conditions, and dimensions.


유사한 부품 번호 - IRFP470

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP470 ISC-IRFP470 Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP470

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXTH20N60 IXYS-IXTH20N60 Datasheet
105Kb / 4P
   MegaMOS FET
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
   MegaMOS FET
IXTH12N90 IXYS-IXTH12N90 Datasheet
102Kb / 4P
   MegaMOS FET
IXTH30N50 IXYS-IXTH30N50 Datasheet
59Kb / 2P
   MegaMOS FET
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
   MegaMOS FET
IXTM10N100 IXYS-IXTM10N100 Datasheet
106Kb / 4P
   MegaMOS FET
IXTT75N10 IXYS-IXTT75N10 Datasheet
53Kb / 2P
   MegaMOS FET
logo
Diotec Semiconductor
MMBT7002DW DIOTEC-MMBT7002DW_18 Datasheet
160Kb / 2P
   N-Channel Enhancement Mode FET
2N7000 DIOTEC-2N7000_17 Datasheet
140Kb / 2P
   N-Channel Enhancement Mode FET
MMFTN3018W DIOTEC-MMFTN3018W_17 Datasheet
140Kb / 2P
   N-Channel Enhancement Mode FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com