전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ175 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SJ175
상세설명  Silicon P-Channel MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ175 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SJ175 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ175 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ175 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ175 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ175 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SJ175
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–60
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
±10
µA
V
GS = ±16 V, VDS = 0
Zero gate voltage drain current I
DSS
–250
µA
V
DS = –50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
resistance
R
DS(on)
0.13
0.18
I
D = –5 A, VGS = –10 V*
1
0.18
0.25
I
D = –5 A, VGS = –4 V*
1
Forward transfer admittance
|y
fs|
4.0
6.5
S
I
D = –5 A, VDS = –10 V*
1
Input capacitance
Ciss
900
pF
V
DS = –10 V, VGS = 0,
f = 1 MHz
Output capacitance
Coss
460
pF
Reverse transfer capacitance
Crss
130
pF
Turn-on delay time
t
d(on)
—8
—ns
I
D = –5 A, VGS = –10 V,
R
L = 6 Ω
Rise time
t
r
—65
ns
Turn-off delay time
t
d(off)
170
ns
Fall time
t
f
105
ns
Body to drain diode forward
voltage
V
DF
—–1.1
—V
I
F = –10 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
200
ns
I
F = –10 A, VGS = 0,
di
F/dt = 50 A/µs
Note
1. Pulse test
See characteristic curves of 2SJ172


유사한 부품 번호 - 2SJ175

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SJ170 ISC-2SJ170 Datasheet
65Kb / 2P
   Low Drain-Source ON Resistance
2SJ171 ISC-2SJ171 Datasheet
65Kb / 2P
   Low Drain-Source ON Resistance
logo
Hitachi Semiconductor
2SJ172 HITACHI-2SJ172 Datasheet
42Kb / 7P
   Silicon P-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ172 VBSEMI-2SJ172 Datasheet
1Mb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Hitachi Semiconductor
2SJ173 HITACHI-2SJ173 Datasheet
579Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
More results

유사한 설명 - 2SJ175

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com