전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD08 데이터시트(PDF) 2 Page - C&K Components

부품명 BD08
상세설명  Standard Profile DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BD08 데이터시트(HTML) 2 Page - C&K Components

  BD08 Datasheet HTML 1Page - C&K Components BD08 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H
H–17
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
8
7
6
4
3
2
1
ON
0.050
(1,27)
.089
(2,26)
0.061 TYP.
(1,55)
0.030
(0,77)
0.297
(7,55)
.100
(2,54)
.020 TYP.
(0,51)
.100 TYP.
(2,54)
.010
(0,25)
.006
(0,16)
DIM.A
.380
(9,65)
.046 DIA TYP.
(1,17ø)
.100
(2,54)
.100 TYP.
(2,54)
.080
(2,03)
.032
(0,82)
TYP.
5
.320
(8,12)
.125
(3,18)
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
BD02AV
2
.280 (7,11)
72
BD03AV
3
.380 (9,65)
52
BD04AV
4
.480 (12,19)
42
BD05AV
5
.580 (14,73)
35
BD06AV
6
.680 (17,27)
29
BD07AV
7
.780 (19,81)
26
BD08AV
8
.880 (22,35)
23
BD09AV
9
.980 (24,89)
20
BD10AV
10
1.080 (27,43)
18
BD12AV
12
1.280 (32,51)
15
Schematic
SPST
BD Series
Standard Profile DIP Switches
Open Base and AV Right Angle Terminal Style
Installation, Soldering and Cleaning
All BD Series Standard Profile DIP Switches can be hand soldered or machine soldered without the use of boot, caps,
tapes or special attention. Open base washable models have unique design, allowing solvent cleaners and water/detergent
solutions to flush and clean the electrical contacts of the contaminants and fluxes. For best results, follow these directions:
1) Wave soldering recommended at 500° F (260ºC) solder temperature.
2) Hand solder using 30 watt small tip iron controlled at 500° F (260ºC), 10 seconds max./terminal.
3) Open base washable models: Clean flux using forced rinse, high agitation or triple bath cleaning method.
DO NOT mask or cover switch in any way during cleaning. Switch is designed for easy solvent flush out.
4) All switch actuators must be in ‘OFF’ position during soldering and cleaning processes.
BD08AV


유사한 부품 번호 - BD08

제조업체부품명데이터시트상세설명
logo
ITT Industries
BD08 ITT-BD08 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD08 CK-COMPONENTS-BD08 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD08 CK-COMPONENTS-BD08 Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
logo
Anaren Microwave
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD0810J50100AHF ANAREN-BD0810J50100AHF Datasheet
195Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
More results

유사한 설명 - BD08

제조업체부품명데이터시트상세설명
logo
ITT Industries
BD01 ITT-BD01 Datasheet
170Kb / 2P
   Standard Profile DIP Switches
logo
C&K Components
BD CK-COMPONENTS-BD Datasheet
279Kb / 3P
   Standard Profile DIP Switches
1999
BD01 CK-COMPONENTS-BD01 Datasheet
122Kb / 2P
   Standard Profile DIP Switches
BD CK-COMPONENTS-BD_V01 Datasheet
206Kb / 2P
   Standard Profile DIP Switches
15 Mar 22
logo
GREATECS
DX1 GREATECS-DX1 Datasheet
315Kb / 1P
   SPST Standard DIP Switches
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com