전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJWI20-24S033 데이터시트(PDF) 8 Page - Total Power International

부품명 MJWI20-24S033
상세설명  Smallest Encapsulated 20W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI20-24S033 데이터시트(HTML) 8 Page - Total Power International

  MJWI20-24S033 Datasheet HTML 1Page - Total Power International MJWI20-24S033 Datasheet HTML 2Page - Total Power International MJWI20-24S033 Datasheet HTML 3Page - Total Power International MJWI20-24S033 Datasheet HTML 4Page - Total Power International MJWI20-24S033 Datasheet HTML 5Page - Total Power International MJWI20-24S033 Datasheet HTML 6Page - Total Power International MJWI20-24S033 Datasheet HTML 7Page - Total Power International MJWI20-24S033 Datasheet HTML 8Page - Total Power International MJWI20-24S033 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
EMI-Filter to meet EN 55022, class A; FCC part 15 ,level A
Conducted and radiated emissions EN55022 Class A
Model
Component
Value
C1
3.3μF/50V 1210 X7R MLCC
MJWI20-24XXX
L1
SMTDR54-6R5M-JT8
C1
2.2μF/100V 1210 X7R MLCC
MJWI20-48XXX
L1
SMTDR54-120M-JT8
External Output Trimming
Output can be externally trimmed by using the method shown below
MJWI20-XXS033 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
63.59
30.28
18.19
11.95
8.13
5.56
3.70
2.31
1.21
0.34
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
70.50
29.28
16.87
10.90
7.38
5.06
3.42
2.20
1.25
0.49
KOhms
MJWI20-XXS05 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
45.53
20.61
12.31
8.15
5.66
4.00
2.81
1.92
1.23
0.68
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
36.57
16.58
9.92
6.59
4.59
3.25
2.30
1.59
1.03
0.59
KOhms
MJWI20-XXS12 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
394.50
179.74
106.08
68.86
46.39
31.36
20.60
12.51
6.21
1.17
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
368.92
161.92
94.97
61.86
42.12
29.00
19.66
12.66
7.23
2.89
KOhms
MJWI20-XXS15 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
572.67
248.63
145.60
94.97
64.87
44.92
30.72
20.10
11.86
5.28
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
392.98
182.12
108.73
71.43
48.85
33.71
22.86
14.69
8.33
3.23
KOhms
MJWI20-XXS24 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
598.89
267.94
157.63
102.47
69.38
47.31
31.56
19.74
10.54
3.19
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
487.11
218.06
128.37
83.53
56.62
38.69
25.87
16.26
8.79
2.81
KOhms
12
6
34
5
MJWI20 Module
Bottom View
Trim Up
12
6
34
5
MJWI20 Module
Bottom View
Rd
Trim Down
Ru
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


유사한 부품 번호 - MJWI20-24S033

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MJWI20-24S033 MINMAX-MJWI20-24S033 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
More results

유사한 설명 - MJWI20-24S033

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Mean Well Enterprises C...
MPM-20 MEANWELL-MPM-20 Datasheet
544Kb / 4P
   20W High Reliable Green Medical Encapsulated Type
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
   20W, AC-DC converter
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
   20W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com