전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJWI10-24S12 데이터시트(PDF) 2 Page - Total Power International

부품명 MJWI10-24S12
상세설명  Shielded Metal Case with Isolated Baseplate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI10-24S12 데이터시트(HTML) 2 Page - Total Power International

  MJWI10-24S12 Datasheet HTML 1Page - Total Power International MJWI10-24S12 Datasheet HTML 2Page - Total Power International MJWI10-24S12 Datasheet HTML 3Page - Total Power International MJWI10-24S12 Datasheet HTML 4Page - Total Power International MJWI10-24S12 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJWI10 SERIES
DC/DC CONVERTER 10W, High Power Density
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±2.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±1.0
%
Load Regulation
Io=0% to 100%
---
±0.5
---
%
Min.Load
No minimum Load Requirement
Ripple & Noise (20MHz)
---
60
100
mV p-p
Transient Recovery Time
---
300
600
μsec
Transient Response Deviation
25% Load Step Change
---
±3
±6
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
150
---
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
1500
pF
Switching Frequency
---
450
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
350,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
24V Input Models
48V Input Models
2000mA Slow-Blow Type
1000mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 50V or Open Circuit
Converter Off
0~1.0V or Short Circuit (Pin 2 and Pin 6)
Control Input Current (on)
Vctrl = 5V
---
---
500
μA
Control Input Current (off)
Vctrl = 0V
---
---
-500
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+80
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


유사한 부품 번호 - MJWI10-24S12

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MJWI10-24S12 MINMAX-MJWI10-24S12 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
More results

유사한 설명 - MJWI10-24S12

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
AXA ARTESYN-AXA Datasheet
415Kb / 2P
   Metal case with isolated baseplate
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
VS-ST330C VISHAY-VS-ST330C Datasheet
221Kb / 8P
   Metal case with ceramic insulator
Revision: 20-Dec-13
logo
Nell Semiconductor Co.,...
2180PT NELLSEMI-2180PT Datasheet
1Mb / 6P
   Metal Case With Ceramic insulator
3000PT NELLSEMI-3000PT Datasheet
543Kb / 2P
   Metal Case With Ceramic insulator
1300PT NELLSEMI-1300PT Datasheet
1Mb / 5P
   Metal Case With Ceramic insulator
logo
Vishay Siliconix
VS-ST330CL VISHAY-VS-ST330CL Datasheet
185Kb / 8P
   Metal case with ceramic insulator
Revision: 04-Aug-14
VS-ST733CL VISHAY-VS-ST733CL Datasheet
352Kb / 10P
   Metal case with ceramic insulator
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com