전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSAU403 데이터시트(PDF) 3 Page - Total Power International

부품명 MSAU403
상세설명  SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU403 데이터시트(HTML) 3 Page - Total Power International

  MSAU403 Datasheet HTML 1Page - Total Power International MSAU403 Datasheet HTML 2Page - Total Power International MSAU403 Datasheet HTML 3Page - Total Power International MSAU403 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSAU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
Package Specifications
Mechanical Dimensions (Single Ouput)
Connecting Pin Patterns
Package Specifications
Mechanical Dimensions (Dual Output)
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size (Single Output)
:
12.7x9.3x8.65mm (0.50x0.37x0.34 Inches)
1
-Vin
-Vin
Case Size (Dual Output)
:
15.3x9.3x8.65mm (0.60x0.37x0.34 Inches)
2
+Vin
+Vin
4
-Vout
Common
Case Material
:
Molding (flammability to UL 94V-0 rated)
5
+Vout
-Vout
7
No Pin
+Vout
Weight (Single Output)
:
1.5g
8
NA
No Pin
Weight (Dual Output)
:
2.2g
10
No Pin
NA
NA : Not Available for Electrical Connection
12.7 [0.5]
2.57
[0.1]
2.54
[0.1]
5.08
[0.2]
1
2
4
8
5
0.60 [0.02]
8.6 [0.34]
10.0 [0.39]
( Magnification of A )
S SEATING PLANE
0.15 S
A
15.3 [0.6]
2.54
[0.1]
5.08
[0.2]
1
2
4
10
7
0.60 [0.02]
2.54
[0.1]
5
2.54
[0.1]
( Magnification of A )
8.6 [0.34]
10.0 [0.39]
S SEATING PLANE
0.15 S
A
11.4 [0.45]
1.7 [0.07]
7.62 [0.30]
1.0 [0.04]
2.54 [0.10]
11.4 [0.45]
1.7 [0.07]
7.62 [0.30]
2.54 [0.10]
1.0 [0.04]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


유사한 부품 번호 - MSAU403

제조업체부품명데이터시트상세설명
logo
Minmax Technology Co., ...
MSAU403 MINMAX-MSAU403 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU403 MINMAX-MSAU403 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU403 MINMAX-MSAU403 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
More results

유사한 설명 - MSAU403

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com