전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPES24-24005-G 데이터시트(PDF) 2 Page - Total Power International

부품명 TPES24-24005-G
상세설명  MEET UNIVERSAL SAFETY STANDARDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES24-24005-G 데이터시트(HTML) 2 Page - Total Power International

  TPES24-24005-G Datasheet HTML 1Page - Total Power International TPES24-24005-G Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION:
TPES24 - XXX YY - N2N3
AUX. OUTPUT SET
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (
Total Power External Switcher): About 24W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 330.0g (11.6 Oz.)
[NULL] FOR SINGLE OUTPUT
[A]+5V, [B[+12V, [C]+15V, [D]+18V, [E]+24V,
[F]-5V, [G]-12V, [H]-15V, [I] -18V, [J] –24V
SINGLE OUTPUT (Model No. for example)
MODEL NO.
O/P VOLTAGE
O/P CURRENT
TPES24-05040
5.0Vdc
4.0A
TPES24-07527
7.5Vdc
2.7A
TPES24-12020
12.0Vdc
2.0A
TPES24-15016
15.0Vdc
1.6A
TPES24-18013
18.0Vdc
1.3A
TPES24-24010
24.0Vdc
1.0A
TPES24-30008
30.0Vdc
0.8A
SINGLE OUTPUT
DEFINED OUTPUT VOLTAGE (Vdc) OUTPUT VOLTAGE(Vdc)/CURRENT (A)
5.0Vdc ≤Any Voltage ≤ 15.0Vdc
5.0V/4.0A, 5.5V/3.7A, 6.0V/3.5A,
6.5V/3.2A, 7.0V/3.0A, 7.5V/2.7A,
8.0V/2.5A, 8.5V/2.4A, 9.0V/2.3A,
9.5V/2.2A, 10.0-11.0V/2.1A,
11.5-12.0V/2.0A, 13.0V/1.8A,
13.5-14.0V/1.7A, 14.5-15.0V/1.6A.
15.0Vdc<Any Voltage ≤ 30.0Vdc
15.5-16.0V/1.5A, 16.5-17.0V/1.4A,
17.5-18.0V/1.3A, 18.5-20.0V/1.2A,
20.5-22.0V/1.1A, 22.5-24.0V/1.0A,
24.5-26.5V/0.9A, 27.0-30.0V/0.8A.
Note: Refer to the upper Chart, or specify the V/A ratings and consult factory for the
exact Model No.
DUAL OUTPUT
OUTPUT RAIL
OUTPUT VOLT.(Vdc)/ AMP.(A)
Main O/P VO1 ★
5-24V/2.0-0.5A.
Max.Watts.10 ~12W
Aux. O/P ±VO2 ∥
±5,12,15,18,24V/2.0-0.5A.
Max.Watts.12 ~18W
DUAL OUTPUT (Model No. for example)
MAIN O/P VO1★ AUX. O/P VO2 ∥
MODEL NO.
VOLT.
TYP.
VOLT.
TYP.
TPES24-05015-B
+5Vdc
1.5A
+12Vdc
1.5A
TPES24-12010-G
+12Vdc
1.0A
-12Vdc
1.0A
TPES24-15008-H
+15Vdc
0.8A
-15Vdc
1.2A
TPES24-24005-G
+24Vdc
0.5A
-12Vdc
1.0A
Symbol: "★" OVP built-in.
"∥" Double feedback
TRIPLE OUTPUT (Model No. for example)
MAIN O/P VO1★ AUX. O/P VO2 ║
AUX. O/P VO3
MODEL NO.
VOLT.
TYP.
VOLT.
TYP.
VOLT.
TYP.
TPES24-05030-BG
+5Vdc
3.0A
+12Vdc
0.50A
-12Vdc 0.250A
TPES24-05030-BH
+5Vdc
3.0A
+12Vdc
0.50A
-15Vdc 0.200A
TPES24-05030-EJ
+5Vdc
3.0A
+24Vdc
0.25A
-24Vdc 0.125A
Symbol: "★" OVP built-in.
"∥" Double feedback.
TRIPLE OUTPUT
OUTPUT RAIL
OUTPUT VOLT. (Vdc)/ AMP.(A)
Main O/P VO1 ★ +5-20V/3.0-0.60A.
Max. Watts:12- 15.0W
Aux. O/P +VO2 ∥ +5,12,15,18,24V/1.2-0.25A. Max. Watts: 6.0W
Aux. O/P -VO3
-5,12,15,18,24V/0.6-0.125A. Max. Watts: 3.0W
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


유사한 부품 번호 - TPES24-24005-G

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPES22 TOTAL-POWER-TPES22 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-033400 TOTAL-POWER-TPES22-033400 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-050400 TOTAL-POWER-TPES22-050400 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-075300 TOTAL-POWER-TPES22-075300 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES22-090250 TOTAL-POWER-TPES22-090250 Datasheet
325Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
More results

유사한 설명 - TPES24-24005-G

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
logo
Allied Components Inter...
AR11-4279I ALLIED-AR11-4279I Datasheet
1Mb / 2P
   Desgined to meet IEEE802.3af standards
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
   Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
   World-wide ac input ranges and safety standards
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Tyco Electronics
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
   Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com