전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM8806 데이터시트(PDF) 2 Page - Davicom Semiconductor, Inc.

부품명 DM8806
상세설명  6-Port Fast Ethernet Single Chip Switch Controller with
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8806 데이터시트(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM8806 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM8806 Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ethernet Switch with five 10/100Mb PHY, one 10/100/1000Mb MAC interface
Per port supports 4 priority queues , Port-based, 802.1P VLAN, MAC based,
IPv4 TOS, IPv6 DSCP, Special Tag,
Support 802.1Q/port-based VLAN up-to 16 VLAN group with full 12-bit VID
Per port support bandwidth, ingress and egress rate control.
Support Broadcast Storming filter function
Support Store & Forward and Cut-through switching approach
Support IEEE 802.3x and Back Pressur for Flow Control
Recode up-to 2K Uni/Multi-cast MAC addresses
Support hardware IGMP v1,v2/MLD v1 snooping
Support STP/RSTP/MSTP and IEEE 802.1X management function
Automatic aging scheme
Support special Tag, double tag header
Register access by MDC/MDIO format
Support IEEE 1588 Precision Time Protocol (PTP)
Support IEEE 802.3az Energy Efficient Ethernet
Support LFP (Link Fault Pass-through) and FEF (Far End Fault)
Support 50MHz clock out for RMII interface
Support industrial-temperature (-40℃~ +85℃), DSP PHY with Auto-MDIX
Built in linear regulator 1.8V control
128-pin QFP
Application
Smart TV, Industrial Automation, Test & Measurement, Robotic Control.
5-port switch + Router with GMII/MII CPU interface.
Ordering Information
Part Number
Pin Count
Package
DM8806FP
128
QFP
(Pb-Free and
Halogen–Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw


유사한 부품 번호 - DM8806

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DM8875A NSC-DM8875A Datasheet
409Kb / 5P
   DM7875A/DM8875A, DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers
DM8875AN NSC-DM8875AN Datasheet
409Kb / 5P
   DM7875A/DM8875A, DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers
DM8875B NSC-DM8875B Datasheet
409Kb / 5P
   DM7875A/DM8875A, DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers
DM8875BN NSC-DM8875BN Datasheet
409Kb / 5P
   DM7875A/DM8875A, DM7875B/DM8875B TRI-STATE 4-Bit Parallel Binary Multipliers
DM8898 NSC-DM8898 Datasheet
124Kb / 8P
   TRI-STATE BCD to Binary/Binary to BCD Converters
More results

유사한 설명 - DM8806

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
   6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
Infineon Technologies A...
ADM6996F INFINEON-ADM6996F Datasheet
2Mb / 69P
   6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.03
ADM6996L INFINEON-ADM6996L Datasheet
1Mb / 61P
   6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.04
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
   SINGLE PORT FAST ETHERNET SWITCH
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com