전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA723T 데이터시트(PDF) 6 Page - Harris Corporation

부품명 CA723T
상세설명  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723T 데이터시트(HTML) 6 Page - Harris Corporation

  CA723T Datasheet HTML 1Page - Harris Corporation CA723T Datasheet HTML 2Page - Harris Corporation CA723T Datasheet HTML 3Page - Harris Corporation CA723T Datasheet HTML 4Page - Harris Corporation CA723T Datasheet HTML 5Page - Harris Corporation CA723T Datasheet HTML 6Page - Harris Corporation CA723T Datasheet HTML 7Page - Harris Corporation CA723T Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7-8
CA723, CA723C
FIGURE 18. LOAD TRANSIENT RESPONSE
FIGURE 19. OUTPUT IMPEDANCE vs FREQUENCY
Typical Application Circuits
FIGURE 20. LOW VOLTAGE REGULATOR CIRCUIT
(VO = 2V TO 7V)
FIGURE 21. HIGH VOLTAGE REGULATOR CIRCUIT
(VO = 7V TO 37V)
Typical Performance Curves (CA723 and CA723C) (Continued)
OUTPUT VOLTAGE (VO)
INPUT VOLTAGE (VI)
-5
5
15253545
6
4
2
0
-2
-4
TIME (
µs)
4
2
0
-2
-4
-6
INPUT VOLTAGE (VI) = 12V
OUTPUT VOLTAGE (VO) = 5V
AMBIENT TEMPERATURE (TA) = +25
oC
SHORT CIRCUIT PROTECTION RESISTANCE
LOAD CURRENT (IL) = 1mA
(RSCP) = 0
FREQUENCY (Hz)
1
µF
0.01
0.1
1
10
INPUT VOLTAGE (VI) = 12V
OUTPUT VOLTAGE (VO) = 5V
LOAD CURRENT (IL) = 50mA
AMBIENT TEMPERATURE (TA) = +25
oC
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
100
8
6
4
6
4
8
8
6
4
2
2
2
1k
10k
100k
1M
46 8
2
4 6 8
2
4 6 8
2
4 6 8
2
LOAD CAPACITANCE (CL) = 0
VI
V+
VC
VO
RSCP
VREF
R1
NON
INV
INPUT
CREF
V-
COMP
C1
100pF
R3
CURRENT
LIMIT
REGULATED
OUTPUT
CURRENT
SENSE
INV.
INPUT
R2
Circuit Performance Data:
Regulated Output Voltage 5V
Line Regulation (
∆V
I= 3V) 0.5mV
Load Regulation (
∆I
L = 50mA) 1.5mV
Note: R3 =
R1 R2
R1 + R2
For Minimum Temperature Drift
VI
V+
VC
VO
RSCP
VREF
R3
NON
INV
INPUT
V-
COMP
R1
CURRENT
LIMIT
REGULATED
OUTPUT 15V
CURRENT
SENSE
INV.
INPUT
R2
C1
100pF
Circuit Performance Data:
Line Regulation (
∆V
I = 3V) 1.5mV
Load Regulation (
∆I
L = 50mA) 4.5mV
Note: R3 =
R1 R2
R1 + R2
For Minimum Temperature Drift
R3 May Be Eliminated For Minimum Component Count


유사한 부품 번호 - CA723T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
CA723C INTERSIL-CA723C Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - CA723T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com