전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7715 데이터시트(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC7715
상세설명  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7715 데이터시트(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC7715 Datasheet HTML 7Page - Burr-Brown (TI) DAC7715 Datasheet HTML 8Page - Burr-Brown (TI) DAC7715 Datasheet HTML 9Page - Burr-Brown (TI) DAC7715 Datasheet HTML 10Page - Burr-Brown (TI) DAC7715 Datasheet HTML 11Page - Burr-Brown (TI) DAC7715 Datasheet HTML 12Page - Burr-Brown (TI) DAC7715 Datasheet HTML 13Page - Burr-Brown (TI) DAC7715 Datasheet HTML 14Page - Burr-Brown (TI) DAC7715 Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
®
DAC7715
TYPICAL PERFORMANCE CURVES: VSS = –15V (Cont.)
At TA = +25°C, VCC = +15V, VSS = 0V, VREFH = +10V, VREFL = 0V, representative unit, unless otherwise specified.
DUAL SUPPLY CURRENT LIMIT vs INPUT CODE
SHORT TO GROUND
20
15
10
5
0
–5
–10
–15
–20
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
000
H
Digital Input Code
–15V
POWER SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
102
103
104
105
106
101
+15V
OUTPUT VOLTAGE
MID-SCALE GLITCH PERFORMANCE
Time (1
µs/div)
+5V
LOADDACS
0
7FF
H to 800H
800
H to 7FFH
Noise at any code
OUTPUT NOISE vs FREQUENCY
Frequency (kHz)
1000
100
10
0.1
1
10
100
1000
10000
0
BROADBAND NOISE
Time (1ms/div)


유사한 부품 번호 - DAC7715

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7715 TI1-DAC7715 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715U TI1-DAC7715U Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715U/1K TI1-DAC7715U/1K Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715U/1KG4 TI1-DAC7715U/1KG4 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715UB TI1-DAC7715UB Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC7715

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com