전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3904 데이터시트(PDF) 3 Page - Dallas Semiconductor

부품명 DS3904
상세설명  Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3904 데이터시트(HTML) 3 Page - Dallas Semiconductor

  DS3904 Datasheet HTML 1Page - Dallas Semiconductor DS3904 Datasheet HTML 2Page - Dallas Semiconductor DS3904 Datasheet HTML 3Page - Dallas Semiconductor DS3904 Datasheet HTML 4Page - Dallas Semiconductor DS3904 Datasheet HTML 5Page - Dallas Semiconductor DS3904 Datasheet HTML 6Page - Dallas Semiconductor DS3904 Datasheet HTML 7Page - Dallas Semiconductor DS3904 Datasheet HTML 8Page - Dallas Semiconductor DS3904 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
_____________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
0
400
SCL Clock Frequency
(Note 7)
fSCL
Standard mode
0
100
kHz
Fast mode
1.3
Bus Free Time between STOP
and START Conditions (Note 7)
tBUF
Standard mode
4.7
µs
Fast mode
0.6
Hold Time (Repeated) START
Condition (Notes 7, 8)
tHD:STA
Standard mode
4.0
µs
Fast mode
1.3
Low Period of SCL Clock
(Note 7)
tLOW
Standard mode
4.7
µs
Fast mode
0.6
High Period of SCL Clock
(Note 7)
tHIGH
Standard mode
4.0
µs
Fast mode
0
0.9
Data Hold Time
(Notes 7, 9)
tHD:DAT
Standard mode
0
0.9
µs
Fast mode
100
Data Setup Time
(Note 7)
tSU:DAT
Standard mode
250
ns
Fast mode
0.6
Start Setup Time
tSU:STA
Standard mode
4.7
µs
Fast mode
20 + 0.1CB
300
Rise Time of Both SDA and SCL
Signals (Note 10)
tR
Standard mode
20 + 0.1CB
1000
ns
Fast mode
20 + 0.1CB
300
Fall Time of Both SDA and SCL
Signals (Note 10)
tF
Standard mode
20 + 0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP Condition
tSU:STO
Standard mode
4.0
µs
Capacitive Load for Each Bus
Line
CB
(Note 10)
400
pF
EEPROM Write Time
tW
(Note 11)
20
ms
Startup Time
tST
2ms
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Writes
50,000


유사한 부품 번호 - DS3904

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-010 MAXIM-DS3904U-010 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-020 MAXIM-DS3904U-020 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
More results

유사한 설명 - DS3904

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com