전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3904 데이터시트(PDF) 4 Page - Dallas Semiconductor

부품명 DS3904
상세설명  Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3904 데이터시트(HTML) 4 Page - Dallas Semiconductor

  DS3904 Datasheet HTML 1Page - Dallas Semiconductor DS3904 Datasheet HTML 2Page - Dallas Semiconductor DS3904 Datasheet HTML 3Page - Dallas Semiconductor DS3904 Datasheet HTML 4Page - Dallas Semiconductor DS3904 Datasheet HTML 5Page - Dallas Semiconductor DS3904 Datasheet HTML 6Page - Dallas Semiconductor DS3904 Datasheet HTML 7Page - Dallas Semiconductor DS3904 Datasheet HTML 8Page - Dallas Semiconductor DS3904 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
4
______________________________________________________________________
Note 1:
All voltages are referenced to ground.
Note 2:
Applies to A0, SDA, SCL for the DS3904 and A0, A1, A2, SDA, SCL for the DS3905. Also applies to H0, H1,
H2 for both DS3904 and DS3905 when in the high-impedance state.
Note 3:
ISTBY specified with SDA = SCL = VCC and A0 = GND.
Note 4:
Absolute linearity is used to determine expected resistance. Absolute linearity is defined as the deviation
from the straight line drawn from the value of the resistance at position 00h to the value of the resistance at
position 7Fh.
Note 5:
Relative linearity is used to determine the change of resistance between two adjacent resistor positions.
Note 6:
Temperature coefficient specifies the change in resistance as a function of temperature. The temperature
coefficient varies with resistor position. Limits are guaranteed by design.
Note 7:
A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT > 250ns must
then be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal.
If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA
line tRMAX + tSU:DAT = 1000ns + 250ns =1250ns before the SCL line is released.
Note 8:
After this period, the first clock pulse is generated.
Note 9:
The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL
signal.
Note 10:
CB—total capacitance of one bus line in picofarads, timing referenced to 0.9 x VCC and 0.1 x VCC.
Note 11:
EEPROM write begins after a stop condition occurs.
NONVOLATILE MEMORY CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = +70°C.)


유사한 부품 번호 - DS3904

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-010 MAXIM-DS3904U-010 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-020 MAXIM-DS3904U-020 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
More results

유사한 설명 - DS3904

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com