전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS3904 데이터시트(PDF) 5 Page - Dallas Semiconductor

부품명 DS3904
상세설명  Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3904 데이터시트(HTML) 5 Page - Dallas Semiconductor

  DS3904 Datasheet HTML 1Page - Dallas Semiconductor DS3904 Datasheet HTML 2Page - Dallas Semiconductor DS3904 Datasheet HTML 3Page - Dallas Semiconductor DS3904 Datasheet HTML 4Page - Dallas Semiconductor DS3904 Datasheet HTML 5Page - Dallas Semiconductor DS3904 Datasheet HTML 6Page - Dallas Semiconductor DS3904 Datasheet HTML 7Page - Dallas Semiconductor DS3904 Datasheet HTML 8Page - Dallas Semiconductor DS3904 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
_____________________________________________________________________
5
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
RESISTANCE
vs. RESISTOR SETTING
RESISTOR SETTING (DEC)
125
100
75
50
25
5
10
15
20
25
0
0
RESISTORS
0, 1, AND 2
SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
350
300
200 250
100 150
50
20
40
60
80
100
120
140
160
180
200
0
0400
VCC = SDA = +5V
ADDRESS PINS
CONNECTED TO GND
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
20
40
60
80
100
120
140
160
0
-40
80
VCC = +5V
VCC = +3V
SDA = SCL =VCC
ADDRESS PINS
CONNECTED TO GND
POSITION 00h RESISTANCE PERCENT
CHANGE FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-2.5
-40
RESISTORS 0, 1, AND 2
POSITION 7Fh RESISTANCE PERCENT
CHANGE FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-0.2
0
0.2
0.4
0.6
0.8
1.0
-0.4
-40
80
RESISTORS 0, 1, AND 2
TEMPERATURE COEFFICIENT
vs. RESISTOR SETTING
RESISTOR SETTING (DEC)
100
80
20
40
60
0
100
200
300
400
500
600
-100
0120
TC OF +25
°C TO +85°C
TC OF +25
°C TO -40°C
RESISTORS
0, 1, AND 2
POSITION 3Fh RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
10.5
11.0
11.5
12.0
12.5
13.0
10.0
2.5
6.0
RESISTORS
0, 1, AND 2
RESISTANCE
vs. POWER-DOWN VOLTAGE
POWER-DOWN VOLTAGE (V)
5
4
3
2
1
10
20
30
40
50
60
70
80
90
100
0
06
POSITION 3Fh
RESISTORS
0, 1, AND 2
PROGRAMMED
RESISTANCE
>5.5M
RESISTANCE
vs. POWER-UP VOLTAGE
POWER-UP VOLTAGE (V)
5
4
3
2
1
10
20
30
40
50
60
70
80
90
100
0
06
>5.5M
POSITION 3Fh
RESISTORS
0, 1, AND 2
EEPROM
RECALL
PROGRAMMED
RESISTANCE


유사한 부품 번호 - DS3904

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-010 MAXIM-DS3904U-010 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3904U-020 MAXIM-DS3904U-020 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
More results

유사한 설명 - DS3904

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com