전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3522EFV 데이터시트(PDF) 5 Page - Rohm

부품명 BD3522EFV
상세설명  Ultra Low Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3522EFV 데이터시트(HTML) 5 Page - Rohm

  BD3522EFV Datasheet HTML 1Page - Rohm BD3522EFV Datasheet HTML 2Page - Rohm BD3522EFV Datasheet HTML 3Page - Rohm BD3522EFV Datasheet HTML 4Page - Rohm BD3522EFV Datasheet HTML 5Page - Rohm BD3522EFV Datasheet HTML 6Page - Rohm BD3522EFV Datasheet HTML 7Page - Rohm BD3522EFV Datasheet HTML 8Page - Rohm BD3522EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5/23
BD3522EFV
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A601000-1-2
02.Nov.2015 Rev.001
Typical Waveforms
Figure 1. Transient Response
(0A to 4A)
COUT
=22μF, CFB=1000pF
Figure 2. Transient Response
(0A to 4A)
COUT
=100μF
Figure 3. Transient Response
(0A to 4A)
COUT
=100μF, CFB=1000pF
Figure 4. Transient Response
(4A to 0A)
COUT
=22μF, CFB=1000pF
VOUT
50mV/div
2A/div
IOUT
49mV
4.0A
IOUT=0A to 4A/4
μsec
t
(10μsec/div)
IOUT=0A to 4A/4
μsec
t(10μsec/div)
59mV
4.0A
VOUT
50mV/div
2A/div
IOUT
46mV
IOUT=0A to 4A
/4μsec
t
(10μsec/div)
4.0A
VOUT
50mV/div
2A/div
IOUT
42mV
t(100μsec/div)
IOUT=4A to 0A/4
μsec
4.0A
VOUT
50mV/div
2A/div
IOUT


유사한 부품 번호 - BD3522EFV

제조업체부품명데이터시트상세설명
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
More results

유사한 설명 - BD3522EFV

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9081A RICHTEK-RT9081A Datasheet
257Kb / 12P
   Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com