전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37201NUX 데이터시트(PDF) 6 Page - Rohm

부품명 BD37201NUX
상세설명  Ultra Low Noise Low Dropout Regulator for Audio System
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37201NUX 데이터시트(HTML) 6 Page - Rohm

Back Button BD37201NUX Datasheet HTML 2Page - Rohm BD37201NUX Datasheet HTML 3Page - Rohm BD37201NUX Datasheet HTML 4Page - Rohm BD37201NUX Datasheet HTML 5Page - Rohm BD37201NUX Datasheet HTML 6Page - Rohm BD37201NUX Datasheet HTML 7Page - Rohm BD37201NUX Datasheet HTML 8Page - Rohm BD37201NUX Datasheet HTML 9Page - Rohm BD37201NUX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/18
TSZ02201-0V3V0A600100-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
18.Apr.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD37201NUX
Application Information (Unless otherwise specified, VIN= VOUT+1.0V or 2.7V whichever is greater VOUT=1.0V Ta=25°C
COUT=1µF CBC=1µF IOUT=5mA)
Figure 5. Noise vs CBC
Figure 6. Noise vs VOUT
Figure 7. Noise vs IOUT
Figure 8. Line Regulation
0.01
0.10
1.00
10.00
10
100
1k
10k
100k
1M
Frequency [Hz]
0.01
0.10
1.00
10.00
10
100
1k
10k
100k
1M
Frequency [Hz]
0.01
0.10
1.00
10
100
1k
10k
100k
1M
Frequency [Hz]
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
2
3
4
5
6
Input Voltage:VIN [V]
IOUT=500mA
VNOISE=4.95µVrms
VOUT=1.0V
CBC=1µF
COUT=1µF
IOUT=50mA
VNOISE=4.86µVrms
IOUT=5mA
VNOISE=4.88µVrms
VOUT=1.0V
IOUT=0.5A
COUT=1µF
CBC=0.1µF
VNOISE=7.69µVrms
CBC=1µF
VNOISE=4.95µVrms
CBC=10µF
VNOISE=4.72µVrms
VOUT=4.5V
VNOISE=8.40µVrms
IOUT=0.5A
CBC=1µF
COUT=1µF
VOUT=3.3V
VNOISE=6.86µVrms
VOUT=1.0V
VNOISE=4.95µVrms


유사한 부품 번호 - BD37201NUX

제조업체부품명데이터시트상세설명
logo
Rohm
BD3702FV ROHM-BD3702FV Datasheet
177Kb / 5P
   SEMICONDUCTOR IC
REV. B
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37033FVME2 ROHM-BD37033FVME2 Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD37034FVME2 ROHM-BD37034FVME2 Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

유사한 설명 - BD37201NUX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Unisonic Technologies
LR1120 UTC-LR1120_15 Datasheet
155Kb / 4P
   LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com