전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU35TH5WNVX 데이터시트(PDF) 6 Page - Rohm

부품명 BU35TH5WNVX
상세설명  FULL CMOS LDO Regulator (500mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU35TH5WNVX 데이터시트(HTML) 6 Page - Rohm

Back Button BU35TH5WNVX Datasheet HTML 2Page - Rohm BU35TH5WNVX Datasheet HTML 3Page - Rohm BU35TH5WNVX Datasheet HTML 4Page - Rohm BU35TH5WNVX Datasheet HTML 5Page - Rohm BU35TH5WNVX Datasheet HTML 6Page - Rohm BU35TH5WNVX Datasheet HTML 7Page - Rohm BU35TH5WNVX Datasheet HTML 8Page - Rohm BU35TH5WNVX Datasheet HTML 9Page - Rohm BU35TH5WNVX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/20
14.Dec.2015.Rev.004
BUXXTH5WNVX
Datasheet
TSZ02201-0GBG0A600020-1-2
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Reference data
BU1ATH5WNVX (Ta=25ºC unless otherwise specified.)
Figure 8.
Figure 7.
Figure 12.
Figure 11.
Figure 10.
Figure 9.
GROUND PIN CURRENT vs TEMPERATURE
0
2
4
6
8
10
12
14
16
18
20
-20
0
20
40
60
80
Temperature[℃]
VIN=2.5V
CE=VIN
IOUT=0mA
GROUND PIN CURRENT vs LOAD
0
100
200
300
0
100
200
300
400
500
IOUT [mA]
VIN=2.5V
CE=VIN
Ta=25℃
OCP
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100 200 300 400 500 600 700 800 900 1000 1100
IOUT[mA]
VIN=2.5V
CE=VIN
Ta=25℃
VOUT
200us/div
2.5V
3.5V
VIN
CE=VIN
Ta=25℃
Iout=10mA
LINE TRANSIENT RESPONSE
VOUT
1.05V
2.5V
3.5V
VIN
CE=VIN
Ta=25℃
Iout=150mA
LINE TRANSIENT RESPONSE
VOUT
1.05V
200us/div
PSRR vs FREQUENCY
0
10
20
30
40
50
60
70
80
90
100
100
1,000
10,000
100,000
1,000,000
Frequency[Hz]
VIN=2.5V
CE=VIN
Ta=25℃


유사한 부품 번호 - BU35TH5WNVX

제조업체부품명데이터시트상세설명
logo
Rohm
BU35UA3WNVX-TL ROHM-BU35UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU35UC3WG-TL ROHM-BU35UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU35UC3WG-TR ROHM-BU35UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

유사한 설명 - BU35TH5WNVX

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com