전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2099FV 데이터시트(PDF) 7 Page - Rohm

부품명 BU2099FV
상세설명  4-input Serial-in / Parallel-out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2099FV 데이터시트(HTML) 7 Page - Rohm

Back Button BU2099FV Datasheet HTML 3Page - Rohm BU2099FV Datasheet HTML 4Page - Rohm BU2099FV Datasheet HTML 5Page - Rohm BU2099FV Datasheet HTML 6Page - Rohm BU2099FV Datasheet HTML 7Page - Rohm BU2099FV Datasheet HTML 8Page - Rohm BU2099FV Datasheet HTML 9Page - Rohm BU2099FV Datasheet HTML 10Page - Rohm BU2099FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/12
BU2099FV
TSZ02201-0RHR1GZ00140-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Timing Chart
1.
After the power is turned on and the voltage is stabilized, LCK should be activates, after clocking 12 data bits
into the DATA terminal.
2.
Qx parallel output data of the shift register is set after the 12
th clock by the LCK.
3.
Since the LCK is a label latch, data is retained in the “L” section and renewed in the “H” section of the LCK.
4.
Data retained in the internal latch circuit is output when the OE is in the “L” section.
5.
The final stage data of the shift register is output to the SO by synchronizing with the rise time of the CLOCK.
Truth Table]
Input
Function
CLOCK
DATA
LCK
OE
×
×
×
H
All the output data output “H” with pull-up.
×
×
×
L
The Q0~Q11 output can be enable and output the data of storage register.
L
×
×
Store “L” in the first stage data of shift register, the previous stage data in the
others. (The conditions of storage register and output have no change.)
H
×
×
Store “H” in the first stage data of shift register, the previous stage data in
the others. (The conditions of storage register and output have no change.)
×
×
×
The data of shift register has no change.
SO outputs the final stage data of shift register with synchronized falling
edge of CLOCK, not controlled by OE.
×
×
×
The data of shift register is transferred to the storage register.
×
×
×
The data of storage register has no change.
(Note 2)The Q0~Q11 output have a Nch open drain FET . The FET is ON when data from shift register is “L”, and the FET is OFF when data is “H”.
Figure 6 . Timing Chart
OE
Qx
Previous DATA
DATA
SO
Previous
DATA11
Previous
DATA10
DATA12
DATA11
“H”
CLOCK
DATA
DATA12 DATA11
DATA10
DATA2
DATA1
LCK


유사한 부품 번호 - BU2099FV

제조업체부품명데이터시트상세설명
logo
Rohm
BU2099FV ROHM-BU2099FV Datasheet
245Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2099FV ROHM-BU2099FV Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV-E2 ROHM-BU2099FV-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

유사한 설명 - BU2099FV

제조업체부품명데이터시트상세설명
logo
Rohm
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com