전자부품 데이터시트 검색엔진 |
|
BU2360FV 데이터시트(PDF) 3 Page - Rohm |
|
BU2360FV 데이터시트(HTML) 3 Page - Rohm |
3 / 22 page BU2360FV 3/18 TSZ02201-0E3E0J500670-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 04.Nov.2015 Rev.001 www.rohm.com TSZ22111・15・001 Block Diagram Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Supply Voltage VDD -0.5 to +7.0 V Input Voltage VIN -0.5 to VDD+0.5 V Storage Temperature Range Tstg -30 to +125 °C Power Dissipation Pd 0.45 (Note 1) W (Note 1) In the case of exceeding Ta = 25°C, 4.5mW to be reduced per 1°C (Note) Operating is not guaranteed. (Note) Power dissipation is measured when the IC is mounted to the printed circuit board. Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Recommended Operating Conditions Parameter Symbol Limit Unit Supply Voltage VDD 2.7 to 3.6 V Input “H” Voltage VIH 0.8VDD to VDD V Input “L” Voltage VIL 0.0 to 0.2VDD V Operating Temperature Topr -25 to +85 °C Output Load CL 15 pF 27M Output Load 1 CL_27M1 40 (CLK27M1) pF 27M Output Load 2 CL_27M2 25 (CLK27M2) pF PLL2 1/6 XTAL OSC XTALIN=27.0000MHz PLL1 1/6 1/4 7:XTALIN 8:XTALOUT 3:CLK27M 1 4:CLK27M 2 15:CLK33M1 13:CLK33M2 10:CLK512FS1 9:CLK512FS2 16:OE 14:FSEL (27.0000MHz) (27.0000MHz) (33.8688MHz) (33.8688MHz) (FSEL=OPEN:24.5760MHz FSEL=L :22.5792MHz) (FSEL=OPEN:48.0kHz type FSEL=L :44.1kHz type) (FSEL=OPEN:24.5760MHz FSEL=L :22.5792MHz) |
유사한 부품 번호 - BU2360FV_15 |
|
유사한 설명 - BU2360FV_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |