전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D00FCFFJ-E2 데이터시트(PDF) 5 Page - Rohm

부품명 D00FCFFJ-E2
상세설명  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

D00FCFFJ-E2 데이터시트(HTML) 5 Page - Rohm

  D00FCFFJ-E2 Datasheet HTML 1Page - Rohm D00FCFFJ-E2 Datasheet HTML 2Page - Rohm D00FCFFJ-E2 Datasheet HTML 3Page - Rohm D00FCFFJ-E2 Datasheet HTML 4Page - Rohm D00FCFFJ-E2 Datasheet HTML 5Page - Rohm D00FCFFJ-E2 Datasheet HTML 6Page - Rohm D00FCFFJ-E2 Datasheet HTML 7Page - Rohm D00FCFFJ-E2 Datasheet HTML 8Page - Rohm D00FCFFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Datasheet
Datasheet
5/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Block diagrams
HTSOP-J8 〈BD00FC0WEFJ (Output Voltage Variable Type) with Shutdown SW〉
Figure 7. Block diagrams
BD00FC0WEFJ (Output Voltage Variable Type with Shutdown SW)
HTSOP-J8 〈BDxxFC0WEFJ (Output Voltage Fixed Type) with Shutdown SW〉
Figure 8. Block diagrams
BxxFC0WEFJ (Output Voltage Variable Type with shutdown SW)
1
2
OCP
VREF
TSD
Driver
4
5
3
EN
Vcc
GND
Vo
FB
VREF :
OCP :
TSD :
Driver :
1
2
OCP
VREF
TSD
Driver
4
5
3
EN
Vcc
GND
Vo
N.C.
VREF :
OCP :
TSD :
Driver :
Bandgap Reference
Over Current Protection Circuit
Thermal Shut Down Circuit
Power Transistor Driver
Bandgap Reference
Over Current Protection Circuit
Thermal Shut Down Circuit
Power Transistor Driver


유사한 부품 번호 - D00FCFFJ-E2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
   Durable, rugged construction
More results

유사한 설명 - D00FCFFJ-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com