전자부품 데이터시트 검색엔진 |
|
NBSG86AMNG 데이터시트(PDF) 2 Page - ON Semiconductor |
|
NBSG86AMNG 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 17 page NBSG86A http://onsemi.com 2 VTD1 D1 D1 VTD1 VTD0 D0 D0 VTD0 VEE Q Q VCC OLS SEL SEL VTSEL 56 7 8 16 15 14 13 12 11 10 9 1 2 3 4 NBSG86A Exposed Pad (EP) Figure 1. QFN16 Pinout (Top View) Table 1. Pin Description Pin Name I/O Description 1 OLS (Note 3) Input Input Pin for the Output Level Select (OLS). See Table 2. 2 SEL ECL, CML, LVCMOS, LVDS, LVTTL Input Inverted Differential Select Logic Input. 3 SEL ECL, CML, LVCMOS, LVDS, LVTTL Input Noninverted Differential Select Logic Input. 4 VTSEL − Common Internal 50 W Termination Pin for SEL/SEL. See Table 7. (Note 1) 5 VTD1 − Internal 50 W termination pin. See Table 7. (Note 1) 6 D1 ECL, CML, LVCMOS, LVDS, LVTTL Input Noninverted Differential Input 1. Internal 75 k W to VEE. 7 D1 ECL, CML, LVCMOS, LVDS, LVTTL Input Inverted Differential Input 1. Internal 75 k W to VEE and 36.5 kW to VCC. 8 VTD1 − Internal 50 W Termination Pin. See Table 7. (Note 1) 9 VCC − Positive Supply Voltage (Note 2) 10 Q RSECL Output Noninverted Differential Output. Typically Terminated with 50 W Resistor to VTT = VCC − 2 V. 11 Q RSECL Output Inverted Differential Output. Typically Terminated with 50 W Resistor to VTT = VCC − 2 V 12 VEE − Negative Supply Voltage (Note 2) 13 VTD0 − Internal 50 W Termination Pin. See Table 7. (Note 1) 14 D0 ECL, CML, LVCMOS, LVDS, LVTTL Input Inverted Differential Input 0. Internal 75 k W to VEE and 36.5 kW to VCC. 15 D0 ECL, CML, LVCMOS, LVDS, LVTTL Input Noninverted Differential Input 0. Internal 75 k W to VEE. 16 VTD0 − Internal 50 W Termination Pin. See Table 7. (Note 1) − EP − The Exposed Pad (EP) and the QFN−16 package bottom is thermally connected to the die for improved heat transfer out of package. The exposed pad must be attached to a heat− sinking conduit. The pad is electrically connected to the die but may be electrically and thermally connected to VEE on the PC board. 1. In the differential configuration when the input termination pins (VTDx, VTDx, VTSEL) are connected to a common termination voltage, or left open, and if no signal is applied then the device will be susceptible to self−oscillation. 2. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. 3. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, 2 kW resistor should be connected from OLS pin to VEE. |
유사한 부품 번호 - NBSG86AMNG |
|
유사한 설명 - NBSG86AMNG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |