전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF888 데이터시트(PDF) 2 Page - Infineon Technologies AG

부품명 BF888
상세설명  High Performance Bipolar NPN RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF888 데이터시트(HTML) 2 Page - Infineon Technologies AG

  BF888 Datasheet HTML 1Page - Infineon Technologies AG BF888 Datasheet HTML 2Page - Infineon Technologies AG BF888 Datasheet HTML 3Page - Infineon Technologies AG BF888 Datasheet HTML 4Page - Infineon Technologies AG BF888 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2010-04-06
BF888
2
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
4
4.7
-
V
Collector-emitter cutoff current
VCE = 5 V, VBE = 0
ICES
-
1
-
nA
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
1
-
Emitter-base cutoff current
VEB = 0.5 V, IC = 0
IEBO
-
10
-
DC current gain
IC = 25 V, VCE = 3 V, pulse measured
hFE
-
250
-
-
1For calculation of RthJA please refer to Application Note Thermal Resistance


유사한 부품 번호 - BF888

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF881 SIEMENS-BF881 Datasheet
181Kb / 4P
   NPN Silicon Transistors with High Reverse Voltage
logo
CoolCox Limited All rig...
BF8818 COOLCOX-BF8818 Datasheet
317Kb / 1P
   DC Blower Fan 88x81.6x18.5mm
BF8818H12D COOLCOX-BF8818H12D Datasheet
317Kb / 1P
   DC Blower Fan 88x81.6x18.5mm
BF8818H12SH COOLCOX-BF8818H12SH Datasheet
317Kb / 1P
   DC Blower Fan 88x81.6x18.5mm
BF8818L12D COOLCOX-BF8818L12D Datasheet
317Kb / 1P
   DC Blower Fan 88x81.6x18.5mm
More results

유사한 설명 - BF888

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF776E6327XT INFINEON-BF776E6327XT Datasheet
510Kb / 6P
   High Performance NPN Bipolar RF Transistor
2010-04-06
BF776-H6327 INFINEON-BF776-H6327 Datasheet
510Kb / 6P
   High Performance NPN Bipolar RF Transistor
2010-04-06
BFR193E6327 INFINEON-BFR193E6327 Datasheet
514Kb / 6P
   NPN Bipolar RF Transistor
2012-08-09
BFP740FESD INFINEON-BFP740FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP740ESD INFINEON-BFP740ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP720ESD INFINEON-BFP720ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
logo
eleflow technologies co...
MRF410 ELEFLOW-MRF410 Datasheet
92Kb / 1P
   NPN Bipolar RF power transistor
logo
Infineon Technologies A...
BFR740EL3 INFINEON-BFR740EL3 Datasheet
553Kb / 22P
   C NPN RF bipolar transistor
v1.0 2018-09-26
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com