전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G34GW 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74LVC2G34GW
상세설명  DUAL BUFFER GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G34GW 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G34GW Datasheet HTML 5Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 6Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 9Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 10Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 11Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 12Page - NXP Semiconductors 74LVC2G34GW Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2004 Sep 10
9
Philips Semiconductors
Product specification
Dual buffer gate
74LVC2G34
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28


유사한 부품 번호 - 74LVC2G34GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G34GW NXP-74LVC2G34GW Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
74LVC2G34GW NXP-74LVC2G34GW Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Nexperia B.V. All right...
74LVC2G34GW NEXPERIA-74LVC2G34GW Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
74LVC2G34GW-Q100 NEXPERIA-74LVC2G34GW-Q100 Datasheet
204Kb / 12P
   Dual buffer gate
More results

유사한 설명 - 74LVC2G34GW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
   Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
[Old version datasheet]   DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
   Dual buffer gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com