전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES2G 데이터시트(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

부품명 ES2G
상세설명  2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
홈페이지  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

ES2G 데이터시트(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  ES2G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ES2A THRU ES2J
2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed:
260℃/10 seconds at terminals.
.
Superfast recovery time for high efficiency.
.
For surface mounted application.
.
Easy pick and place.
MECHANICAL DATA
.
Case: Molded plastic
.
Epoxy: UL94V-0 rate flame retardant
.
Lead: MIL-STD- 202E, Method 208 guaranteed
.
Polarity:Color band denotes cathode end
.
Packaging:12mm tape per EIA STD RS-481
.
Mounting position: Any
SMB(DO-214AA)
.155(3.94)
.130(3.30)
.083(2.11)
.075(1.91)
.185(4.70)
.160(4.06)
.012(0.305)
.006(0.152)
.217(5.50)
.193(4.9)
.060((1.52)
.032(0.80)
.008(0.203)
.002(0.051)
.103(2.60)
.078(1.98)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
ES2A
ES2B
ES2D
ES2G
ES2J
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current
at TA=55°C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine- wave superimposed on rated load (JEDEC
method)
IFSM
60.0
A
Maximum Forward Voltage at 2.0A DC
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @TA =25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
35
ns
Typical Junction Capacitance (Note 2)
CJ
10
8
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Measured on P.C. Board with 0.2×0.2”(5.0×5.0mm)Copper Pad Areas.


유사한 부품 번호 - ES2G

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
ES2G PANJIT-ES2G Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
logo
Jinan Gude Electronic D...
ES2G JGD-ES2G Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Rectron Semiconductor
ES2G RECTRON-ES2G Datasheet
407Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Diode Semiconductor Kor...
ES2G DSK-ES2G Datasheet
140Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Vishay Siliconix
ES2G VISHAY-ES2G Datasheet
104Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Nov-07
More results

유사한 설명 - ES2G

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A_13 Datasheet
436Kb / 4P
   2.0AMPS. Surface Mount Super Fast Rectifiers
logo
Guangdong Juxing Electr...
ES2A-ES2K JUXING-ES2A-ES2K Datasheet
1Mb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES2AA TSC-ES2AA_11 Datasheet
196Kb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
ESH2B TSC-ESH2B Datasheet
136Kb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_11 Datasheet
198Kb / 2P
   2.0AMPS. Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
SF21 CHONGQING-SF21_16 Datasheet
178Kb / 1P
   2.0AMPS. SUPER FAST RECTIFIER
RS2A CHONGQING-RS2A_16 Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
SK22A TSC-SK22A_11 Datasheet
192Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
SSH210 TSC-SSH210_13 Datasheet
254Kb / 4P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com