전자부품 데이터시트 검색엔진 |
|
TP2640N3-GP005 데이터시트(PDF) 5 Page - Supertex, Inc |
|
TP2640N3-GP005 데이터시트(HTML) 5 Page - Supertex, Inc |
5 / 6 page 5 Supertex inc. www.supertex.com Doc.# DSFP-TP2640 B081613 TP2640 8-Lead SOIC (Narrow Body) Package Outline (LG) 4.90x3.90mm body, 1.75mm height (max), 1.27mm pitch 1 8 Seating Plane Gauge Plane L L1 L2 E E1 D e b A A2 A1 Seating Plane A A Top View Side View View B View B θ1 θ Note 1 (Index Area D/2 x E1/2) View A-A h h Note 1 Symbol A A1 A2 b D E E1 e h L L1 L2 θ θ1 Dimension (mm) MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80* 1.27 BSC 0.25 0.40 1.04 REF 0.25 BSC 0O 5O NOM - - - - 4.90 6.00 3.90 - - - - MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00* 0.50 1.27 8O 15O JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005. * This dimension is not specified in the JEDEC drawing. Drawings are not to scale. Supertex Doc. #: DSPD-8SOLGTG, Version I041309. Note: 1. This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or a printed indicator. |
유사한 부품 번호 - TP2640N3-GP005 |
|
유사한 설명 - TP2640N3-GP005 |