전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2204GUL 데이터시트(PDF) 8 Page - Rohm

부품명 BD2204GUL
상세설명  Power Supply Selector Switch IC for SD Cards
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2204GUL 데이터시트(HTML) 8 Page - Rohm

Back Button BD2204GUL Datasheet HTML 4Page - Rohm BD2204GUL Datasheet HTML 5Page - Rohm BD2204GUL Datasheet HTML 6Page - Rohm BD2204GUL Datasheet HTML 7Page - Rohm BD2204GUL Datasheet HTML 8Page - Rohm BD2204GUL Datasheet HTML 9Page - Rohm BD2204GUL Datasheet HTML 10Page - Rohm BD2204GUL Datasheet HTML 11Page - Rohm BD2204GUL Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
.
8/23
BD2204GUL
TSZ02201-0GDG0H300050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
25.Sep.2015 Rev.003
TSZ22111
• 15 • 001
www.rohm.com
Typical Performance Curves - continued
0
20
40
60
80
100
2
3
4
5
SUPPLY VOLTAGE : VIN1[V]
0
20
40
60
80
100
-50
0
50
100
AMBIENT TEMPERATURE : Ta[°C]
0
50
100
150
200
250
300
2
3
4
5
SUPPLY VOLTAGE : VIN1[V]
0
50
100
150
200
250
300
-50
0
50
100
AMBIENT TEMPERATURE : Ta[°C]
Figure 21. Output fall time1
VIN1=3.3V
Vin2=1.8V
Figure 18. Output rise time1
Ta=25°C
Figure 20. Output fall time1
Ta=25°C
VIN1=3.3V
VIN2=1.8V
Figure 19. Output rise time1
RL=10
Ω
RL=10
Ω
RL=10
Ω
RL=10
Ω


유사한 부품 번호 - BD2204GUL

제조업체부품명데이터시트상세설명
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL-E2 ROHM-BD2204GUL-E2 Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
More results

유사한 설명 - BD2204GUL

제조업체부품명데이터시트상세설명
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Apacer Technology Inc.
SD-R1 APACER-SD-R1 Datasheet
915Kb / 3P
   SD memory cards
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
Apacer Technology Inc.
SD-R1-M APACER-SD-R1-M Datasheet
792Kb / 5P
   SD memory cards
logo
Panasonic Semiconductor
MN63154 PANASONIC-MN63154 Datasheet
32Kb / 4P
   EEPROM for IC Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com