전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2363FV-E2 데이터시트(PDF) 1 Page - Rohm

부품명 BU2363FV-E2
상세설명  Clock Generator for Audio/Video Equipment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2363FV-E2 데이터시트(HTML) 1 Page - Rohm

  BU2363FV-E2 Datasheet HTML 1Page - Rohm BU2363FV-E2 Datasheet HTML 2Page - Rohm BU2363FV-E2 Datasheet HTML 3Page - Rohm BU2363FV-E2 Datasheet HTML 4Page - Rohm BU2363FV-E2 Datasheet HTML 5Page - Rohm BU2363FV-E2 Datasheet HTML 6Page - Rohm BU2363FV-E2 Datasheet HTML 7Page - Rohm BU2363FV-E2 Datasheet HTML 8Page - Rohm BU2363FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/19
TSZ02201-0E3E0J500690-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
TSZ22111・14・001
www.rohm.com
Clock Generator
for Audio/Video Equipment
BU2363FV
General Description
BU2363FV is a clock generator IC capable of
generating three types of clocks - VIDEO, AUDIO and
SYSTEM clocks that are necessary for DVD player
systems. It is a single chip solution that uses PLL
technology.
Particularly,
the
VIDEO
clock
is
a
DVD-Audio reference and yet achieves high C/N
characteristics necessary to provide high definition
images.
Features
 Connecting a crystal oscillator generates multiple
clock signals from a built-in PLL circuit.
 The AUDIO clock provides switching selection outputs
 The VIDEO clock achieves high C/N characteristics.
 Single power supply of 3.3 V
Applications
DVD players
Key Specifications
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
(Note) We believe that this circuit is to be recommended. However, to use it, make further thorough check for the characteristics.
Part Name
BU2363FV
Supply Voltage Range [V]
3.0 to 3.6
Reference Frequency [MHz]
36.8640
Output
Frequency
[MHz]
DVD VIDEO
2
54.0000
1
27.0000
DVD / CD
AUDIO
(Switching
Outputs)
768fs
36.8640
33.8688
384fs
18.4320
16.9344
SYSTEM
768fs
33.8688
384fs
16.9344
Jitter 1σ [psec]
50
C/N [dB]
(VIDEO)
-80
Operating Temperature Range [°C]
-10 to +70
OPEN:Enable
1:VDD2
16:OE
L
:Disable
0.1uF
2:VSS2
15:CLK33M
33.8688MHz
54.0000MHz
3:CLK254M
14:FSEL
OPEN:48.0kHz type
L
:44.1kHz type
27.0000MHz
4:CLK27M
13:CLK16M
16.9344MHz
5:AVDD
12:DVDD
0.1uF
0.1uF
6:AVSS
11:DVSS
7:XTALIN
10:768FS1
36.8640MHz
or 33.8688MHz
8:XTALOUT
9:384FS2
18.4320MHz
or 16.9344MHz
0.1µF
0.1µF
0.1µF
SSOP-B16
5.00mm x 6.40mm x 1.35mm
Datasheet
Datasheet


유사한 부품 번호 - BU2363FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2363FV ROHM-BU2363FV Datasheet
395Kb / 6P
   Clock Generator
BU2363FV ROHM-BU2363FV Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2363FVFV-E2 ROHM-BU2363FVFV-E2 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
More results

유사한 설명 - BU2363FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com