전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU2506FV-E2 데이터시트(PDF) 9 Page - Rohm

부품명 BU2506FV-E2
상세설명  10bit 8ch/10ch D/A Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU2506FV-E2 데이터시트(HTML) 9 Page - Rohm

Back Button BU2506FV-E2 Datasheet HTML 5Page - Rohm BU2506FV-E2 Datasheet HTML 6Page - Rohm BU2506FV-E2 Datasheet HTML 7Page - Rohm BU2506FV-E2 Datasheet HTML 8Page - Rohm BU2506FV-E2 Datasheet HTML 9Page - Rohm BU2506FV-E2 Datasheet HTML 10Page - Rohm BU2506FV-E2 Datasheet HTML 11Page - Rohm BU2506FV-E2 Datasheet HTML 12Page - Rohm BU2506FV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/18
BU2505FV BU2506FV
TSZ02201-0RLR0GZ10140-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Typical Performance Curves (reference data)
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Input Code [decimal]
Figure 1. VOUT vs Input Code
(Output voltage linearity, TA=-30°C)
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Input Code [decimal]
Figure 2. VOUT vs Input Code
(Output voltage linearity, TA=+25°C)
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
Input Code [decimal]
Figure 3. VOUT vs Input Code
(Output voltage linearity, TA=+85°C)


유사한 부품 번호 - BU2506FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

유사한 설명 - BU2506FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com