전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4069UBF-E2 데이터시트(PDF) 3 Page - Rohm

부품명 BU4069UBF-E2
상세설명  Quad 2-Input Hex Inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4069UBF-E2 데이터시트(HTML) 3 Page - Rohm

  BU4069UBF-E2 Datasheet HTML 1Page - Rohm BU4069UBF-E2 Datasheet HTML 2Page - Rohm BU4069UBF-E2 Datasheet HTML 3Page - Rohm BU4069UBF-E2 Datasheet HTML 4Page - Rohm BU4069UBF-E2 Datasheet HTML 5Page - Rohm BU4069UBF-E2 Datasheet HTML 6Page - Rohm BU4069UBF-E2 Datasheet HTML 7Page - Rohm BU4069UBF-E2 Datasheet HTML 8Page - Rohm BU4069UBF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Datasheet
Datasheet
3/14
TSZ02201-0RDR1GZ00050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
09.Aug.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BU4069UB
BU4069UBF
BU4069UBFV
Electrical Characteristics
(Unless otherwise specified, VSS=0V, Ta=25°C)
Parameter
Symbol
Limits
Unit
Conditions
Figure
No.
Min
Typ
Max
VDD[V]
Input “H” voltage
VIH
4.0
-
-
V
5
-
1
8.0
-
-
10
2
12.0
-
-
15
3
Input “L” voltage
VIL
-
-
1.0
V
5
-
1
-
-
2.0
10
2
-
-
2.5
15
3
Input “H” current
IIH
-
-
0.3
μA
15
VIH=15V
-
Input “L” current
IIL
-
-
-0.3
μA
15
VIL=0V
-
Output “H” voltage
VOH
4.95
-
-
V
5
IOH=0mA
1
9.95
-
-
10
2
14.95
-
-
15
3
Output “L” voltage
VOL
-
-
0.05
V
5
IOL=0mA
1
-
-
0.05
10
2
-
-
0.05
15
3
Output “H” current
IOH
-0.44
-
-
mA
5
VOH=4.6V
4
-1.1
-
-
10
VOH=9.5V
-3.0
-
-
15
VOH=13.5V
Output “L” current
IOL
0.44
-
-
mA
5
VOL=0.4V
5
1.1
-
-
10
VOL=0.5V
3.0
-
-
15
VOL=1.5V
Quiescent supply current
IDD
-
-
1
μA
5
VIN=VDD or VSS
-
-
-
2
10
-
-
4
15
Parameter
Symbol
Limits
Unit
Conditions
Figure
No.
Min
Typ
Max
VDD[V]
Output rising time
tTLH
-
180
-
ns
5
CL=50pF
6
-
90
-
10
-
65
-
15
Output falling time
tTHL
-
100
-
ns
5
CL=50pF
7
-
50
-
10
-
40
-
15
“L” to ”H”
Propagation delay time
tPLH
-
90
-
ns
5
CL=50pF
8
-
50
-
10
-
40
-
15
“H” to ”L”
Propagation delay time
tPHL
-
65
-
ns
5
CL=50pF
9
-
40
-
10
-
30
-
15
Input capacitance
CIN
-
5
-
pF
-
-
-


유사한 부품 번호 - BU4069UBF-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BU4069UBF-E2 ROHM-BU4069UBF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

유사한 설명 - BU4069UBF-E2

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
74C00 FAIRCHILD-74C00 Datasheet
63Kb / 1P
   QUAD TWO-INPUT NAND GATE HEX INVERTER
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com