전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJD-2D12W4P3 데이터시트(PDF) 6 Page - Seoul Semiconductor

부품명 SMJD-2D12W4P3
상세설명  Connects directly to AC line voltage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-2D12W4P3 데이터시트(HTML) 6 Page - Seoul Semiconductor

Back Button SMJD-2D12W4P3 Datasheet HTML 2Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 3Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 4Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 5Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 6Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 7Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 8Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 9Page - Seoul Semiconductor SMJD-2D12W4P3 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.seoulsemicon.com
Product Data Sheet
6
SMJD-XD12W4PX - Acrich3 13W
Rev1.3, Apr 1, 2016
Characteristic Graph
Product Data Sheet
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 1. Relative Spectral Distribution vs. Wavelength Characteristic
– F, G, H
0
0.2
0.4
0.6
0.8
1
1.2
300
400
500
600
700
800
Wavelength[nm]


유사한 부품 번호 - SMJD-2D12W4P3

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-2D12W4PD SEOUL-SMJD-2D12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-2D12W4PE SEOUL-SMJD-2D12W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

유사한 설명 - SMJD-2D12W4P3

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJF-2D16W4PD SEOUL-SMJF-2D16W4PD Datasheet
1,019Kb / 24P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com