전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N3309 데이터시트(PDF) 2 Page - American Microsemiconductor

부품명 1N3309
상세설명  50 Watt Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMMSEMI [American Microsemiconductor]
홈페이지  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

1N3309 데이터시트(HTML) 2 Page - American Microsemiconductor

  1N3309 Datasheet HTML 1Page - American Microsemiconductor 1N3309 Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Watt Zener Diode
Technical Specifications
American Microsemiconductor Inc.
Page 2 of 2
133 Kings Road, Madison, NJ 07940
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325
tel.
973-377-9566fax.973-377-3078
http://www.americanmicrosemiconductor.com
ELECTRICAL CHARAC. (CONT.)
100
1N3340
50Z100
120
30
10
75.00
430
110
1N3342
50Z110
110
40
10
82.50
390
120
1N3343
50Z120
100
50
10
90.00
350
130
1N3344
50Z130
95
75
10
97.50
330
140
1N3345
50Z140
90
80
10
105.0
300
150
1N3346
50Z150
85
85
10
112.5
280
160
1N3347
50Z160
80
80
10
120.0
260
180
1N3349
50Z180
68
98
10
135.0
240
200
1N3350
50Z200
65
100
10
150.0
220
VZT : Continuous reverse Voltage
IZT : Regulating voltage test current
IR : Reverse current at specified VR
RZT : Differential resistance at IZT
IZM : Max DC Zener current


유사한 부품 번호 - 1N3309

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
1N3309 MOTOROLA-1N3309 Datasheet
145Kb / 4P
   ZENER DIODES
logo
Naina Semiconductor ltd...
1N3309 NAINA-1N3309 Datasheet
203Kb / 1P
   50W ZENER(DO5)
logo
New Jersey Semi-Conduct...
1N3309 NJSEMI-1N3309 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
logo
America Semiconductor, ...
1N3309 AMERICASEMI-1N3309 Datasheet
1Mb / 2P
   50W Zener Diodes
logo
American Microsemicondu...
1N3309 AMMSEMI-1N3309 Datasheet
429Kb / 2P
   50 Watt Zener Diode
More results

유사한 설명 - 1N3309

제조업체부품명데이터시트상세설명
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N4551 AMMSEMI-1N4551 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3314 AMMSEMI-1N3314 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3318 AMMSEMI-1N3318 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3321 AMMSEMI-1N3321 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3313 AMMSEMI-1N3313 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3315 AMMSEMI-1N3315 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3323 AMMSEMI-1N3323 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3327 AMMSEMI-1N3327 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com