전자부품 데이터시트 검색엔진 |
|
1N3325 데이터시트(PDF) 1 Page - American Microsemiconductor |
|
1N3325 데이터시트(HTML) 1 Page - American Microsemiconductor |
1 / 2 page 50 Watt Zener Diode Technical Specifications American Microsemiconductor Inc. Page 1 of 2 133 Kings Road, Madison, NJ 07940 AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325 tel. 973-377-9566fax.973-377-3078 http://www.americanmicrosemiconductor.com FEATURES Volt. Range: 6.2V to 200V Low Zener Impedance Available in normal polarity or reverse DO5 Package 1N4554 to 1N3350 ABSOLUTE MAX. RATINGS Storage temp. range: -65°C to +150°C Max case operating temp.: -65°C to +150°C Max junction temp.: 150°C Power dissipation: 50W Power derating (derat above 75°C): 0.5 mw/°C Forward voltage (@2A): 1.5V ELECTRICAL CHARACTERISTICS @ CASE OP. TEMP. 30°C Nom VZT (V) Type Number SPE Type IZT (mA) RZT max IR (uA) VR (V) IZM (mA) 3.9 1N4549 3200 0.5 11900 4.3 1N4550 2900 0.5 10650 4.7 1N4551 2650 1.0 9700 5.1 1N4552 2450 1.0 8900 5.6 1N4553 2250 1.0 8100 6.2 1N4554 50Z6V2 2000 0.14 20 2.0 7300 6.8 1N3305 50Z6V8 1850 0.20 300 4.5 6600 7.5 1N3306 50Z7V5 1700 5.0 5900 8.2 1N3307 50Z8V2 1450 0.45 35 5.84 5300 9.1 1N3308 50Z9 1370 0.5 25 6.82 5200 10 1N3309 50Z10 1200 0.6 25 7.50 4700 11 1N3310 50Z11 1100 0.8 10 8.25 4300 12 1N3311 50Z12 1000 1 10 9.00 3900 13 1N3312 50Z13 960 1.1 10 9.75 3500 14 1N3313 50Z14 895 1.4 10 10.50 3300 15 1N3314 50Z15 830 1.6 10 11.25 3000 16 1N3315 50Z16 780 2 10 12.00 2800 18 1N3317 50Z18 700 2.4 10 13.50 2600 20 1N3319 50Z20 630 2.5 10 15.00 2400 22 1N3320 50Z22 570 2.6 10 16.50 2000 24 1N3321 50Z24 530 2.8 10 18.00 1900 27 1N3323 50Z27 460 3 10 20.25 1600 30 1N3324 50Z30 420 3.2 10 22.50 1400 33 1N3325 50Z33 380 3.5 10 24.75 1300 36 1N3326 50Z36 350 4 10 27.00 1200 39 1N3327 50Z39 320 4.5 10 27.00 1100 43 1N3328 50Z43 290 5 10 29.25 1000 47 1N3330 50Z47 270 5.2 10 35.25 930 51 1N3332 50Z51 245 6 10 38.25 830 56 1N3334 50Z56 220 7 10 42.00 750 62 1N3335 50Z62 200 8 10 46.50 690 68 1N3336 50Z68 180 9 10 51.00 630 75 1N3337 50Z75 170 11 10 56.25 570 82 1N3338 50Z82 150 15 10 61.50 520 91 1N3339 50Z91 140 20 10 68.25 450 Note: Normal polarity indicated anode to case. When using Jedec standards suffix R denotes reverse polarity (cathode to case). Suffix A and B denote tolerance of 10% and 5%. No suffix indicated tolerance of 20%. |
유사한 부품 번호 - 1N3325 |
|
유사한 설명 - 1N3325 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |