전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE1501EMT8 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 ACE1501EMT8
상세설명  ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1501EMT8 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button ACE1501EMT8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 9Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 10Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 11Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 12Page - Fairchild Semiconductor ACE1501EMT8 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
www.fairchildsemi.com
ACE1501 Product Family Rev. 1.1
subroutine is finished, a return from subroutine (RET)
instruction is executed. The RET instruction pulls the previously
stacked return address from the stack and loads it into the
program counter. Execution then continues at the recovered
return address.
3.1.5 Status Register (SR)
The 8-bit Status register (SR) contains four condition code indi-
cators (C, H, Z, and N), one interrupt masking bit (G), and an
EEPROM write flag (R.) The condition codes are automatically
updated by most instructions. (See Table 9.)
Carry/Borrow (C)
The carry flag is set if the arithmetic logic unit (ALU) performs a
carry or borrow during an arithmetic operation and by its dedi-
cated instructions. The rotate instruction operates with and
through the carry bit to facilitate multiple-word shift operations.
The LDC and INVC instructions facilitate direct bit manipulation
using the carry flag.
Half Carry (H)
The half carry flag indicates whether an overflow has taken
place on the boundary between the two nibbles in the accumu-
lator. It is primarily used for Binary Coded Decimal (BCD) arith-
metic calculation.
Zero (Z)
The zero flag is set if the result of an arithmetic, logic, or data
manipulation operation is zero. Otherwise, it is cleared.
Negative (N)
The negative flag is set if the MSB of the result from an arith-
metic, logic, or data manipulation operation is set to one. Other-
wise, the flag is cleared. A result is said to be negative if its MSB
is a one.
Interrupt Mask (G)
The interrupt request mask (G) is a global mask that disables all
maskable interrupt sources. If the G Bit is cleared, interrupts
can become pending, but the operation of the core continues
uninterrupted. However, if the G Bit is set an interrupt is recog-
nized. After any reset, the G bit is cleared by default and can
only be set by a software instruction. When an interrupt is rec-
ognized, the G bit is cleared after the PC is stacked and the
interrupt vector is fetched. Once the interrupt is serviced, a
return from interrupt instruction is normally executed to restore
the PC to the value that was present before the interrupt
occurred. The G bit is the reset to one after a return from inter-
rupt is executed. Although the G bit can be set within an inter-
rupt service routine, “nesting” interrupts in this way should only
be done when there is a clear understanding of latency and of
the arbitration mechanism.
3.2 Interrupt handling
When an interrupt is recognized, the current instruction com-
pletes its execution. The return address (the current value in the
program counter) is pushed onto the stack and execution con-
tinues at the address specified by the unique interrupt vector
(see Table 10.). This process takes five instruction cycles. At
the end of the interrupt service routine, a return from interrupt
(RETI) instruction is executed. The RETI instruction causes the
saved address to be pulled off the stack in reverse order. The G
bit is set and instruction execution resumes at the return
address.
The ACEx microcontroller is capable of supporting four inter-
rupts. Three are maskable through the G bit of the SR and the
fourth (software interrupt) is not inhibited by the G bit (Figure
13.) The software interrupt is generated by the execution of the
INTR instruction. Once the INTR instruction is executed, the
ACEx core will interrupt whether the G bit is set or not. The
INTR interrupt is executed in the same manner as the other
maskable interrupts where the program counter register is
stacked and the G bit is cleared. This means, if the G bit was
enabled prior to the software interrupt the RETI instruction must
be used to return from interrupt in order to restore the G bit to its
previous state. However, if the G bit was not enabled prior to
the software interrupt the RET instruction must be used.
In case of multiple interrupts occurring at the same time, the
ACEx microcontroller core has prioritized the interrupts. The
interrupt priority sequence in shown in Table 7.
Table 7: Interrupt Priority Sequence
Figure 13. Basic Interrupt Structure
Priority (4 highest, 1 lowest)
Interrupt
4
MIW (EDGEI)
3
Timer0 (TMRI0)
2
Timer1 (TMRI1)
1
Software (INTR)
T1PND
T0PND
WKPND
T1EN
T0INT
EN
WKINT
EN
G
INTR
T1
T0
MIW
Interrupt
Pending
Flags
Interrupt Enable Bits
Global Interrupt
Enable
Interrupt


유사한 부품 번호 - ACE1501EMT8

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE150112FM+H ACE-ACE150112FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150133FM+H ACE-ACE150133FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE150150FM+H ACE-ACE150150FM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
ACE1501ADJFM+H ACE-ACE1501ADJFM+H Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
More results

유사한 설명 - ACE1501EMT8

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com