전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA-5010B1E 데이터시트(PDF) 7 Page - Copal Electronics

부품명 SA-5010B1E
상세설명  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5010B1E 데이터시트(HTML) 7 Page - Copal Electronics

  SA-5010B1E Datasheet HTML 1Page - Copal Electronics SA-5010B1E Datasheet HTML 2Page - Copal Electronics SA-5010B1E Datasheet HTML 3Page - Copal Electronics SA-5010B1E Datasheet HTML 4Page - Copal Electronics SA-5010B1E Datasheet HTML 5Page - Copal Electronics SA-5010B1E Datasheet HTML 6Page - Copal Electronics SA-5010B1E Datasheet HTML 7Page - Copal Electronics SA-5010B1E Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SA-5000
ROTARY CODED SWITCHES
O SA-5011AE~DE
O SA-5031AE~DE
Side setting
11
7.7
5.08
5
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 3.2 L × 1 D
4
6
14
C
P
Part No., Production date code &
Lead-free Identification mark
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O SA-5051AE~DE
O SA-5071AE~DE
Side setting
O SA-5111AE~DE
O SA-5131AE~DE
Side setting
O SA-5151AE~DE
O SA-5171AE~DE
Side setting
11
7.7
5.08
8
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 3.2 L × 1 D
14
C
P
7 A
9
Part No., Production date code &
Lead-free Identification mark
11
7.7
5.08
5
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 1 D
4
6
14
C
P
M = 0.2
Straight knurl
6.6
Part No., Production date code &
Lead-free Identification mark
11
7.7
5.08
8
6 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
8
4
2
1
0.7 W
× 1 D
14
C
P
M = 0.2
Straight knurl
6.6
7 A
9
Part No., Production date code &
Lead-free Identification mark


유사한 부품 번호 - SA-5010B1E

제조업체부품명데이터시트상세설명
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
More results

유사한 설명 - SA-5010B1E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com