전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MVUH2 데이터시트(PDF) 1 Page - MMD Components

부품명 MVUH2
상세설명  HCMOS Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MMD [MMD Components]
홈페이지  http://www.mmdcomp.com
Logo MMD - MMD Components

MVUH2 데이터시트(HTML) 1 Page - MMD Components

  MVUH2 Datasheet HTML 1Page - MMD Components MVUH2 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Free
Compliant
RoHS
Pb
In the event of conflict, the requirements of this specification shall govern
Revision:
MVUH111809B
Specification Subject to change without notice
Page 1 of 2
MVUH Series – 5 x 3.2 VCXO Specification
5 X 3.2 SMT Package – 6 Pins
HCMOS Output
Tri-State Option
Tape and Reel Packaging Available
ELECTRICAL SPECIFICATION:
Frequency Range
1.544MHZ to 77.760MHZ
Temperature Stability
(See Part Number Guide for Options)
Absolute Pull Range (APR) Inclusive of all conditions:
Calibration at +25ºC, Frequency Stability over the operating
temperature range, supply voltage change, output load
change, shock, and vibration
(See Part Number Guide for Options)
Aging at +25ºC
±2 ppm / 1st year typ
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (Vdd) ±5%
+2.50 VDC
+3.30 VDC
Supply Current
15mA max
15mA max
Output
HCMOS
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Load
15pF max
Rise/Fall Time (20% to 80%)
5 nSec max
RMS Phase Jitter (12kHZ to 20MHZ)
1pSec max
Phase Noise
100 Hz
-95 dBc/Hz
1 kHz
-125 dBc/Hz
10 kHz
-142 dBc/Hz
100 kHz
-152 dBc/Hz
Start-up Time
10mSec max
Tri-state Operation
Voh = 70% of Vdd min or No Connection to Enable Output
Vol = 30% max or grounded to Disable Output (High Impedance)
Control Voltage
+0.30 VDC to 2.30 VDC
+0.30 VDC to 3.30 VDC
Control Voltage Range
0.00 VDC to Vdd
Slope
Positive
PART NUMBER GUIDE:
5 x 3.2 Ceramic SMD 6 Pads
MVU
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
H
Supply Voltage
2 = +2.50 VDC
3 = +3.30 VDC
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Packaging
Blank = Bulk
T = Tape and Reel
Output
H = HCMOS
R = Pin 2-N/C, Pin 5-Tri-state
T = Pins 2 & 5 = Tri-state
Blank = Pins 2 & 5 = N/C
H = Pin 2-Tri-state, Pin 5-N/C
Pin 2 & 5 Connection
D = ±50 ppm min
P = ±80 ppm min: less than 51.814MHZ
C = ±100 ppm min: less than 36.000MHZ
Linearity
Blank = ±20% max
Y = ±10% max
Absolute Pull Range (APR)


유사한 부품 번호 - MVUH2

제조업체부품명데이터시트상세설명
logo
MMD Components
MVUH MMD-MVUH Datasheet
109Kb / 2P
   5 x 3.2 VCXO Specification
MVUH MMD-MVUH_12 Datasheet
109Kb / 2P
   5 x 3.2 VCXO Specification
More results

유사한 설명 - MVUH2

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
435 OSCILENT-435 Datasheet
169Kb / 2P
   HCMOS Output
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
480 OSCILENT-480 Datasheet
150Kb / 3P
   HCMOS / TTL Output
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
432 OSCILENT-432 Datasheet
142Kb / 2P
   HCMOS / TTL Output
481 OSCILENT-481 Datasheet
150Kb / 3P
   HCMOS / TTL Output
567 OSCILENT-567 Datasheet
134Kb / 2P
   HCMOS / TTL Output
logo
Golledge Electronics Lt...
HCD361 GOLLEDGE-HCD361_15 Datasheet
135Kb / 1P
   OCXO HCMOS Output
HCD190 GOLLEDGE-HCD190 Datasheet
64Kb / 1P
   OCXO HCMOS OUTPUT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com