전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD-1160 데이터시트(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

부품명 PD-1160
상세설명  Stepper Motor with Controller
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
홈페이지  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1160 데이터시트(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD-1160 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD
-1160
57/60mm | NEMA23/24
Stepper Motor with
Controller / Driver
0.55 - 3.1Nm / 48V
sensOstep™ Encoder
Serial Interface
PANdrive
MECHATRONIC DRIVE WITH STEPPER MOTOR
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
The PANdrive
PD57-1160 and PD60-1160 family is a mechatronic
solution including a 57mm or 60mm flange motor, a control-
ler board and a
sensOstep™ encoder. It can be controlled via
serial interface or operated in standalone mode. Power supply,
external encoder, interface and I/Os can be connected with JST
connectors.
With the advanced
stallGuard2™ the motor load can be
detected with high resolution. The outstanding
coolStep™
technology for sensorless load dependent current control allows
efficient motor operation.
The PC based software development environment TMCL-IDE for
the Trinamic Motion Control Language
TMCL™ can be down-
loaded free of charge from the TRINAMIC website.
ORDER CODE
DESCRIPTION
PD57-1-1160
0.55 Nm / QMot motor QSH5718-41-28-055
PD57-2-1160
1.01 Nm / QMot motor QSH5718-51-28-101
PD60-3-1160
2.10 Nm / QMot motor QSH6018-65-28-210
PD60-4-1160
3.10 Nm / QMot motor QSH6018-86-28-310
PD-1160-CABLE
Cable loom including all neccessary cables (single ended)
9… 51V DC
RS485
USB
µC
TMCL
Memory
7
I/Os
Step
Motor
MOSFET
Driver
Stage
SPI
PD-1160
SPI
SPI
S/D
TMC429
Motion
Controller
Energy Efficient
Driver
TMC262
Power
Driver
TMC262
with
coolStep™
S/D
S/D
CAN
Encoder
a/b/n
TMCM-1160
+5V
Stop
switches
sensOstep™
Encoder
SPI
ELECTRICAL
DATA
•Supply voltage 9V to 51V
MOTOR DATA
•flange size 57/60mm | NEMA23/24
INTERFACE
•USB, RS485, CAN
•step&direction interface
•inputs for ref. & stop switches
•4 general purpose I/Os
•incremental a/b/n encoder interface
FEATURES
•up to 256 times microstepping
•memory for 2048 TMCL™ commands
•stallGuard2™ sensorless load detection
•coolStep™ sensorless load dependent cur-
rent control
•microPlyer™ 16 to 256 times microstepping
interpolation
•integrated absolute sensOstep™ encoder
with 1024 ppr.
•automatic ramp generation in hardware
•on the fly alteration of motion parameters
SOFTWARE
•standalone operation using TMCL or remote
controlled operation
•PC-based (Windows) application develop-
ment software TMCL-IDE downloadable
•ready for CANopen
OTHER
•RoHS compliant
•size 60 x 60mm2
co o l S te p™
sensorless closed loop current control
load detection


유사한 부품 번호 - PD-1160

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
PD-116-60-SE TRINAMIC-PD-116-60-SE Datasheet
135Kb / 1P
   60mm/NEMA24 Stepper Motor with Controller/Driver, with Encoder and Serial Interface
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
More results

유사한 설명 - PD-1160

제조업체부품명데이터시트상세설명
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com