전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744839003460 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744839003460
상세설명  DC Resistance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744839003460 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744839003460 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839003460 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839003460 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839003460 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744839003460 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-TPBHV Three-Phase Common
Mode Power Line Choke
ORDER CODE
744839003460
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4XL
001.000
Valid
2016-09-16
eiSos
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744839003460

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744839010400 WURTH-744839010400 Datasheet
457Kb / 5P
   Insulation Test Voltage
744839029220 WURTH-744839029220 Datasheet
443Kb / 5P
   Rated Current
744839047160 WURTH-744839047160 Datasheet
449Kb / 5P
   DC Resistance
More results

유사한 설명 - 744839003460

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744839047160 WURTH-744839047160 Datasheet
449Kb / 5P
   DC Resistance
744839125095 WURTH-744839125095 Datasheet
465Kb / 5P
   DC Resistance
744837006400 WURTH-744837006400 Datasheet
457Kb / 5P
   DC Resistance
744838480095 WURTH-744838480095 Datasheet
465Kb / 5P
   DC Resistance
logo
SynQor Worldwide Headqu...
MQHE-28-P SYNQOR-MQHE-28-P Datasheet
7Mb / 17P
   Very low DC resistance
MCOTS-F-28E-P-DM SYNQOR-MCOTS-F-28E-P-DM Datasheet
6Mb / 9P
   Very low DC resistance
MCOTS-F-48-P-QT SYNQOR-MCOTS-F-48-P-QT Datasheet
3Mb / 10P
   Very low DC resistance
MQHE-270-P SYNQOR-MQHE-270-P Datasheet
6Mb / 13P
   Very low DC resistance
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
   Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
   Max. of DC resistance
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com