전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1028X 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI1028X
상세설명  Dual N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1028X 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI1028X Datasheet HTML 1Page - Vishay Siliconix SI1028X Datasheet HTML 2Page - Vishay Siliconix SI1028X Datasheet HTML 3Page - Vishay Siliconix SI1028X Datasheet HTML 4Page - Vishay Siliconix SI1028X Datasheet HTML 5Page - Vishay Siliconix SI1028X Datasheet HTML 6Page - Vishay Siliconix SI1028X Datasheet HTML 7Page - Vishay Siliconix SI1028X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 63862
S12-1956-Rev. B, 13-Aug-12
www.vishay.com
3
Vishay Siliconix
Si1028X
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0.000
0.003
0.006
0.009
0.012
0.015
0
6
12
18
24
30
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
0.2
0.4
0.6
0.8
1.0
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 3 V
V
GS = 10 V thru 4 V
V
GS = 2 V
0.3
0.45
0.6
0.75
0.9
0
0.2
0.4
0.6
0.8
1
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
10
-8
10
-9
0
6
12
18
24
30
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
0.1
0.2
0.3
0.4
0.5
0
0.7
1.4
2.1
2.8
3.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
5
10
15
20
25
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


유사한 부품 번호 - SI1028X

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI1028X TFUNK-SI1028X Datasheet
179Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1028X VISHAY-SI1028X Datasheet
183Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
SI1028X VISHAY-SI1028X_V01 Datasheet
183Kb / 8P
   Dual N-Channel 30 V (D-S) MOSFET
08-Feb-17
More results

유사한 설명 - SI1028X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com