전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6V49205BPAGI8 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 6V49205BPAGI8
상세설명  Freescale System Clock w/Selectable DDR Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205BPAGI8 데이터시트(HTML) 5 Page - Integrated Device Technology

  6V49205BPAGI8 Datasheet HTML 1Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 2Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 3Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 4Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 5Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 6Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 7Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 8Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REVISION R 11/23/16
5
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
6V49205B DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 6V49205B. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics - Input/Supply/Common Output DC Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Maximum Supply Voltage
VDDxxx
Supply Voltage
4.6
V
1
Maximum Input Voltage
VIH
Referenced to GND
VDD + 0.5
V
1
Minimum Input Voltage
VIL
Referenced to GND
GND - 0.5
V
1
Storage Temperature
Ts
-
-65
150
°C
JunctionTemperature
Tj
-
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1 Operation under these conditions is neither implied, nor guaranteed.
NOTES on Absolute Max Parameters
TAMB = -40 to +85°C; VDD = 3.3 V +/-5%, All outputs driving test loads (unless noted otherwise).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Ambient Operating Temp
TAMB
--40
25
85
°C
Supply Voltage
VDDxxx
Supply Voltage
3.135
3.3
3.465
V
Power supply Ramp Time
TPWRRMP
Power supply ramp must be montonic
4
ms
Latched Input High Voltage
VIH_LI
Single-ended Latched Inputs
2.1
VDD + 0.3
V
Latched Input Low Voltage
VIL_LI
Single-ended Latched Inputs
VSS - 0.3
0.8
V
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
2
Operating Supply Current
IDDOP3.3
All outputs loaded and running
119
155
mA
Input Frequency
Fi
23
25
27
MHz
3
Pin Inductance
Lpin
57
nH
CIN
Logic Inputs
1.5
3
5
pF
COUT
Output pin capacitance
5
6
pF
CINX
X1 & X2 pins
5
6
pF
Clk Stabilization
TSTAB
From VDD Power-Up or de-assertion of PD
to 1st clock
3.2
5
ms
Tfall_SE
TFALL
10
ns
1
Trise_SE
TRISE
10
ns
1
SMBus Voltage
VDD
2.7
3.3
V
Low-level Output Voltage
VOLSMB
@ IPULLUP
0.4
V
Current sinking at
VOLSMB = 0.4 V
IPULLUP
SMB Data Pin
4
mA
SCLK/SDATA
Clock/Data Rise Time
TRI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
SCLK/SDATA
Clock/Data Fall Time
TFI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
SMBus Operating Frequency
FSMBUS
400
kHz
1 Signal is required to be monotonic in this region.
2 Input leakage current does not include inputs with pull-up or pull-down resistors
Input Capacitance
Fall/rise time of all 3.3V control inputs from
20-80%
NOTES on DC Parameters: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
3 For margining purposes only. Normal operation should have Fin =25MHz


유사한 부품 번호 - 6V49205BPAGI8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
6V49205BPAGI8 IDT-6V49205BPAGI8 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205BPAGI8 RENESAS-6V49205BPAGI8 Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
More results

유사한 설명 - 6V49205BPAGI8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Renesas Technology Corp
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
   PIII??System Clock Chip for DDR SDRAM
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
   High Frequency System Clock Generator
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
   PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com