전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6V49205BPAGI8 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 6V49205BPAGI8
상세설명  Freescale System Clock w/Selectable DDR Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205BPAGI8 데이터시트(HTML) 1 Page - Integrated Device Technology

  6V49205BPAGI8 Datasheet HTML 1Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 2Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 3Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 4Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 5Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 6Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 7Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 8Page - Integrated Device Technology 6V49205BPAGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
6V49205B REVISION R 11/23/16
1
©2016 Integrated Device Technology, Inc.
Freescale P10XX and P20XX System Clock
w/Selectable DDR Frequency
6V49205B
General Description
The 6V49205B is a main clock for Freescale P10xx and
P20xx-based systems. It has a selectable System CCB clock
and 2 DDRCLK speeds – 100M or 66.66M. The 6V49205B
also provides LP-HCSL PCIe outputs for low power and
reduced board space.
Output Features
1 - Sys_CCB 3.3V LVCMOS output @ 100M/83.33M/
80M/66.66M
1 - DDRCLK 3.3V LVCMOS output @ 100M or 66.66M 1
1 - 125M 3.3V LVCMOS output
6 - LP-HCSL PCIe pairs selectable @ 100M or 125M
6 - 25MHz 3.3V LVCMOS outputs
2 - 2.048M 3.3V LVCMOS outputs
2 - USB 3.3V LVCMOS outputs @12M or 24M
Key Specifications
PCIe Gen1-2-3 compliant
<3p rms phase noise on REF outputs
Recommended Application
System Clock for Freescale P10xx and P20xx-based designs
Features
Replaces 11 crystals, 2 oscillators and 3 clock generators;
lowers cost, power and area
Integrated terminations on LP-HCSL PCIe outputs;
eliminate 24 resistors, saving 41mm2 of board area
Industrial temperature range operation; supports
demanding environmental conditions
Advanced 3.3V CMOS process; high-performance,
low-power
Supports independent spread spectrum on
Sys_CCB/DDRCLK and PCIe outputs
Available in space-saving 7x7mm 48-pin VFQFPN with
0.5mm pad pitch; reduced board space without the need for
fine-pitch assembly techniques
Block Diagram
Note 1
: For DDR Clock: Processor core and I/O supply rails must be ramped with VDD3P3 or earlier. Clock signal will be
clamped LOW and output clock will be 100MHz if this is not followed (see diagram below).
GND
Crystal
Oscillator
PLL1
(SS)
25MHz
Crystal
X1
X2
PLL3
(non-
SS)
REF(5:0)
DDRCLK
Sys_CCB
PLL4
(SS)
PCIe_L(5:0)
Control
Logic
SCLK
2.048M(1:0)
USB_CLK(2:1)
^FS0
PLL2
(non-
SS)
125M
^FS1
^SEL100#_66
^SELPCIE125#_100
SDATA
100MHz
DDRCLK
R40
R39
VDD3P3
10K
10K


유사한 부품 번호 - 6V49205BPAGI8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
6V49205BPAGI8 IDT-6V49205BPAGI8 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205BPAGI8 RENESAS-6V49205BPAGI8 Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
More results

유사한 설명 - 6V49205BPAGI8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Renesas Technology Corp
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
   PIII??System Clock Chip for DDR SDRAM
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
   High Frequency System Clock Generator
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
   PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com