전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6V49205BNLGI8 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 6V49205BNLGI8
상세설명  Freescale System Clock w/Selectable DDR Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205BNLGI8 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button 6V49205BNLGI8 Datasheet HTML 6Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 7Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 8Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 9Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 10Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 11Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 12Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 13Page - Integrated Device Technology 6V49205BNLGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
10
REVISION R 11/23/16
6V49205B DATASHEET
Byte 0 Frequency and Spread Select Register
Bit
Name
Description
Type
Default
7
SS4
RW
0
6
SS3
RW
0
5
SS2
RW
0
4
SS1
RW
0
3
SS0
RW
0
2
REF_5_EN
Output enable for REF_5
RW
1
1
REF_4_EN
Output enable for REF_4
RW
1
0
REF_3_EN
Output enable for REF_5
RW
1
Byte 1 Output Enable Register
Bit
Name
Description
Type
Default
7
REF_2_EN
Output enable for REF_2
RW
1
6
REF_1_EN
Output enable for REF_1
RW
1
5
REF_0_EN
Output enable for REF_0
RW
1
4
USB_CLK1_EN
Output enable for USB_CLK1
RW
1
3
USB_CLK2_EN
Output enable for USB_CLK2
RW
1
2
CK2.048_0_EN
Output enable for CK2.048_0
RW
1
1
CK2.048_1_EN
Output enable for CK2.048_1
RW
1
0
DDRCLK_EN
Output enable for DDRCLK
RW
1
Byte 2 Output Enable Register
Bit
Name
Description
Type
Default
7
Sys_CCB_EN
Output enable for Sys_CCB
RW
1
6
PCIe5_EN
Output enable for PCIe5
RW
1
5
PCIe4_EN
Output enable for PCIe4
RW
1
4
PCIe3_EN
Output enable for PCIe3
RW
1
3
PCIe2_EN
Output enable for PCIe2
RW
1
2
PCIe1_EN
Output enable for PCIe1
RW
1
1
PCIe0_EN
Output enable for PCIe0
RW
1
0
125M_EN
Output enable for 125M
RW
1
Byte 3 Slew Rate Control Register
Bit
Name
Description
Type
Default
7
USB1_SLEW1
RW
0
6
USB1_SLEW0
RW
1
5
USB2_SLEW1
RW
0
4
USB2_SLEW0
RW
1
3
CK2.048_SLEW1
RW
1
2
CK2.048_SLEW0
RW
1
1
Sys_CCB_SLEW1
RW
0
0
Sys_CCB_SLEW0
RW
1
Byte 4 Slew Rate Control Register
Bit
Name
Description
Type
Default
7
DDR_Slew1
RW
0
6
DDR_Slew0
RW
1
5
0
4
1
3FS1
RW
Latch
2FS0
RW
Latch
1
USB1_fSel
USB_CLK1 Clock Frequency Select
RW
0
0
USB2_fSel
USB_CLK2 Clock Frequency Select
RW
1
Byte 5 is Reserved
Sys_CCB and DDRCLK Spread
Selection Table
See Table 2: Sys_CCB and DDRCLK
Spread Table
DDRCLK Slew Rate Control
See DDR Electrical Tables
Sys_CCB Frequency Select Latch
See Table 3: Sys_CCB Frequency
Selection
12MHz
24MHz
12MHz
24MHz
Reserved
Reserved
CK2.048_0 and CK2.048_1 Slew Rate
Control
See CK2.048 Electrical Tables
Sys_CCB Slew Rate Control
See Sys_CCB Electrical Tables
01
01
USB_CLK1 Slew Rate Control
See USB Electrical Tables
USB_CLK2 Slew Rate Control
See USB Electrical Tables
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
01
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
01
Output Disabled
Output Enabled
Output Disabled
Output Enabled
PCIE Spread Selection Table
See Table 1: PCIE Spread Table
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
01
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled
Output Disabled
Output Enabled


유사한 부품 번호 - 6V49205BNLGI8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
6V49205BNLGI8 IDT-6V49205BNLGI8 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205BNLGI8 RENESAS-6V49205BNLGI8 Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
More results

유사한 설명 - 6V49205BNLGI8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
6V49205A RENESAS-6V49205A Datasheet
468Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK WITH 66.66M DDR CLOCK
Mar 2020
logo
Integrated Device Techn...
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
840NT4 IDT-840NT4 Datasheet
611Kb / 30P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Renesas Technology Corp
840NT4 RENESAS-840NT4 Datasheet
809Kb / 31P
   System & DDR Clocks for Freescale B4/T4 Processor Systems
2019
logo
Integrated Device Techn...
ICS951702 IDT-ICS951702 Datasheet
160Kb / 12P
   PIII??System Clock Chip for DDR SDRAM
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
   High Frequency System Clock Generator
logo
Renesas Technology Corp
ICS951702 RENESAS-ICS951702 Datasheet
1Mb / 13P
   PIII™ System Clock Chip for DDR SDRAM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com