전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14051B 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC14051B
상세설명  Analog Multiplexers/Demultiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14051B 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC14051B_14 Datasheet HTML 3Page - ON Semiconductor MC14051B_14 Datasheet HTML 4Page - ON Semiconductor MC14051B_14 Datasheet HTML 5Page - ON Semiconductor MC14051B_14 Datasheet HTML 6Page - ON Semiconductor MC14051B_14 Datasheet HTML 7Page - ON Semiconductor MC14051B_14 Datasheet HTML 8Page - ON Semiconductor MC14051B_14 Datasheet HTML 9Page - ON Semiconductor MC14051B_14 Datasheet HTML 10Page - ON Semiconductor MC14051B_14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC14051B, MC14052B, MC14053B
http://onsemi.com
8
APPLICATIONS INFORMATION
Figure A illustrates use of the on−chip level converter
detailed in Figures 2, 3, and 4. The 0−to−5 V Digital Control
signal is used to directly control a 9 Vp−p analog signal.
The digital control logic levels are determined by VDD
and VSS. The VDD voltage is the logic high voltage; the VSS
voltage is logic low. For the example, VDD = +5 V = logic
high at the control inputs; VSS = GND = 0 V = logic low.
The maximum analog signal level is determined by VDD
and VEE. The VDD voltage determines the maximum
recommended peak above VSS. The VEE voltage
determines the maximum swing below VSS. For the
example, VDD − VSS = 5 V maximum swing above VSS;
VSS − VEE = 5 V maximum swing below VSS. The example
shows a
±4.5 V signal which allows a 1/2 volt margin at each
peak. If voltage transients above VDD and/or below VEE are
anticipated on the analog channels, external diodes (Dx) are
recommended as shown in Figure B. These diodes should be
small signal types able to absorb the maximum anticipated
current surges during clipping.
The absolute maximum potential difference between
VDD and VEE is 18.0 V. Most parameters are specified up to
15 V which is the recommended maximum difference
between VDD and VEE.
Balanced supplies are not required. However, VSS must
be greater than or equal to VEE. For example, VDD = +10 V,
VSS = +5 V, and VEE – 3 V is acceptable. See the Table
below.
Figure A. Application Example
+5 V
- 5 V
VDD
VSS
VEE
9 Vp-p
ANALOG SIGNAL
0-TO-5 V DIGITAL
CONTROL SIGNALS
SWITCH
I/O
INHIBIT,
A, B, C
COMMON
O/I
9 Vp-p
ANALOG SIGNAL
+ 4.5 V
− 4.5 V
GND
+5 V
EXTERNAL
CMOS
DIGITAL
CIRCUITRY
MC14051B
MC14052B
MC14053B
Figure B. External Germanium or Schottky Clipping Diodes
VDD
VDD
VEE
VEE
DX
DX
DX
DX
ANALOG
I/O
COMMON
O/I
POSSIBLE SUPPLY CONNECTIONS
VDD
In Volts
VSS
In Volts
VEE
In Volts
Control Inputs
Logic High/Logic Low
In Volts
Maximum Analog Signal Range
In Volts
+8
0
–8
+8/0
+8 to –8 = 16 Vp–p
+5
0
–12
+5/0
+5 to –12 = 17 Vp–p
+5
0
0
+5/0
+5 to 0 = 5 Vp–p
+5
0
–5
+5/0
+5 to –5 = 10 Vp–p
+10
+5
–5
+10/ +5
+10 to –5 = 15 Vp–p


유사한 부품 번호 - MC14051B_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14051B/D ONSEMI-MC14051B/D Datasheet
169Kb / 12P
   Analog Multiplexers/Demultiplexers
December, 2006 ??Rev. 10
MC14051BCP ONSEMI-MC14051BCP Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14051BCPG ONSEMI-MC14051BCPG Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
MC14051BCPG ONSEMI-MC14051BCPG Datasheet
169Kb / 12P
   Analog Multiplexers/Demultiplexers
December, 2006 ??Rev. 10
MC14051BD ONSEMI-MC14051BD Datasheet
183Kb / 12P
   Analog Multiplexers/Demultiplexers
February, 2005 ??Rev. 6
More results

유사한 설명 - MC14051B_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com