전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14067B 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC14067B
상세설명  Analog Multiplexers / Demultiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14067B 데이터시트(HTML) 5 Page - ON Semiconductor

  MC14067B_13 Datasheet HTML 1Page - ON Semiconductor MC14067B_13 Datasheet HTML 2Page - ON Semiconductor MC14067B_13 Datasheet HTML 3Page - ON Semiconductor MC14067B_13 Datasheet HTML 4Page - ON Semiconductor MC14067B_13 Datasheet HTML 5Page - ON Semiconductor MC14067B_13 Datasheet HTML 6Page - ON Semiconductor MC14067B_13 Datasheet HTML 7Page - ON Semiconductor MC14067B_13 Datasheet HTML 8Page - ON Semiconductor MC14067B_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14067B
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
MC14067BDWG
SOIC−24
(Pb−Free)
30 Units / Rail
NLV14067BDWG*
MC14067BDWR2G
SOIC−24
(Pb−Free)
1000 Units / Tape & Reel
NLV14067BDWR2G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
Figure 1. DV Across Switch
Figure 2. Off Channel Leakage
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
CONTROL
SECTION
OF IC
OFF CHANNEL UNDER TEST
OTHER
CHANNEL(S)
VDD
VSS
VSS
VDD
VSS
VDD
A
Figure 3. Propagation Delay Test Circuit
and Waveforms Vin to Vout
Figure 4. Turn−On and Delay Turn−Off
Test Circuit and Waveforms
VDD
Vout
CL = 50 pF
RL
Vin
A
B
C
D
INH
Vin
Vout
20 ns
20 ns
VDD
VSS
50%
10%
tPLH
tPHL
90%
50%
PULSE
GENERATOR
VC
A
B
C
D
INH
RL
CL = 50 pF
Vout
Vin
VDD VSS VSS VDD
VX
20 ns
20 ns
90%
50%
10%
90%
10%
Vout
Vout
VC
50%
50%
tPZH, tPZL
tPHZ, tPLZ
Vin = VDD
VX = VSS
Vin = VSS
VX = VDD


유사한 부품 번호 - MC14067B_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
More results

유사한 설명 - MC14067B_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com